Electronic Components Datasheet Search
  English  ▼

X  

AD9992BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 21Page - Analog Devices AD9992BBCZ Datasheet HTML 22Page - Analog Devices AD9992BBCZ Datasheet HTML 23Page - Analog Devices AD9992BBCZ Datasheet HTML 24Page - Analog Devices AD9992BBCZ Datasheet HTML 25Page - Analog Devices AD9992BBCZ Datasheet HTML 26Page - Analog Devices AD9992BBCZ Datasheet HTML 27Page - Analog Devices AD9992BBCZ Datasheet HTML 28Page - Analog Devices AD9992BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
AD9992
Rev. C | Page 25 of 92
HBLK Mode 2 Operation
HBLK Mode 2 allows more advanced HBLK pattern operation.
If multiple areas of HCLK pulses that are unevenly spaced apart
from one another are needed, HBLK Mode 2 can be used. Using
a separate set of registers, HBLK Mode 2 can divide the HBLK
region into up to six repeat areas (see Table 11). As shown in
Figure 30, each repeat area shares a common group of toggle
positions, HBLKSTARTA, HBLKSTARTB, and HBLKSTARTC.
However, the number of toggles following each start position
can be unique in each repeat area by using the RA*H1REP* and
RA*H2REP* registers. As shown in Figure 29, setting the
RA*H1REPA/RA*H1REPB/RA*H1REPC or RA*H2REPA/
RA*H2REPB/RA*H2REPC registers to 0 masks HCLK groups
from appearing in a particular repeat area. Figure 30 shows only
two repeat areas being used, although six are available. It is possible
to program a separate number of repeat area repetitions for H1
and H2, but generally the same value is used for both H1 and
H2. Figure 30 shows an example of RA0H1REPA/RA0H1REPB/
RA0H1REPC = RA0H2REPA/RA0H2REPB/RA0H2REPC =
RA1H1REPA/RA1H1REPB/RA1H1REPC = RA1H2REPA/
RA1H2REPB/RA1H2REPC = 2.
Furthermore, HBLK Mode 2 allows a different HBLK pattern
on even and odd lines. The HBLKSTARTA, HBLKSTARTB, and
HBLKSTARTC registers, as well as the RA*H1REPA/RA*H1REPB
/RA*H1REPC and RA*H2REPA/ RA*H2REPB/RA*H2REPC
registers, define operation for the even lines. For separate
control of the odd lines, the HBLKALT_PAT registers specify
up to six repeat areas on the odd lines by reordering the repeat
areas used for the even lines. New patterns are not available, but
the order of the previously defined repeat areas on the even lines
can be changed for the odd lines to accommodate advanced
CCD operation.
HORIZONTAL TIMING SEQUENCE EXAMPLE
Figure 31 shows an example CCD layout. The horizontal
register contains 28 dummy pixels, which occur on each line
clocked from the CCD. In the vertical direction, there are
10 optical black (OB) lines at the front of the readout and two at
the back of the readout. The horizontal direction has four OB
pixels in the front and 48 in the back.
Figure 32 shows the basic sequence layout to be used during
the effective pixel readout. The 48 OB pixels at the end of each
line are used for the CLPOB signals. PBLK is optional and is
often used to blank the digital outputs during the HBLK time.
HBLK is used during the vertical shift interval.
Because PBLK is used to isolate the CDS input (see the Analog
Preblanking section), the PBLK signal should not be used
during CLPOB operation. The change in the offset behavior
that occurs during PBLK impacts the accuracy of the CLPOB
circuitry.
The HBLK, CLPOB, and PBLK parameters are programmed in
the V-sequence registers. More elaborate clamping schemes,
such as adding in a separate sequence to clamp in the entire
shield OB lines, can be used. This requires configuring a separate
V-sequence for clocking out the OB lines.
The CLPMASK registers are also useful for disabling the CLPOB
on a few lines without affecting the setup of the clamping
sequences. It is important that CLPOB be used only during valid
OB pixels. During other portions on the frame timing, such as
vertical blanking or SG line timing, the CCD does not output
valid OB pixels. Any CLPOB pulse that occurs during this time
causes errors in clamping operation and changes in the black
level of the image.
HORIZONTAL CCD REGISTER
EFFECTIVE IMAGE AREA
28 DUMMY PIXELS
48 OB PIXELS
4 OB PIXELS
10 VERTICAL
OB LINES
2 VERTICAL
OB LINES
V
H
Figure 31. Example CCD Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com