Electronic Components Datasheet Search
  English  ▼

X  

AD5060 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5060
Description  Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5060 Datasheet HTML 9Page - Analog Devices AD5060 Datasheet HTML 10Page - Analog Devices AD5060 Datasheet HTML 11Page - Analog Devices AD5060 Datasheet HTML 12Page - Analog Devices AD5060 Datasheet HTML 13Page - Analog Devices AD5060 Datasheet HTML 14Page - Analog Devices AD5060 Datasheet HTML 15Page - Analog Devices AD5060 Datasheet HTML 16Page - Analog Devices AD5060 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD5062/AD5063
Preliminary Technical Data
Rev. Pr B | Page 14 of 17
DB23
DB0
SCLK
SYNC
DIN
DB23
DB0
VALID WRITE SEQUENCE, OUTPUT UPDATES
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 24TH FALLING EDGE
ON THE 24TH FALLING EDGE
Figure 23. SYNC Interrupt Facility
AD5062/AD5063 to 68HC11/68L11 Interface
Figure 26 shows a serial interface between the AD5060 and the
68HC11/68L11 microcontroller. SCK of the 68HC11/68L11
drives the SCLK of the AD5060, while the MOSI
output drives the serial data line of the DAC. The SYNC
signal is derived from a port line (PC7). The setup conditions
for correct operation of this interface are as follows: the
68HC11/68L11 should be configured so that its CPOL bit is a 0
and its CPHA bit is a 1. When data is being transmitted
to the DAC, the SYNC line is taken low (PC7). When the
68HC11/68L11 is configured as above, data appearing on the
MOSI output is valid on the falling edge of SCK. Serial data
from the 68HC11/68L11 is transmitted in 8-bit bytes with only
eight falling clock edges occurring in the transmit cycle. Data is
transmitted MSB first. In order to load data to the
AD5062/AD5063, PC7 is left low after the first eight bits are
transferred, and a second serial write operation is performed to
the DAC and PC7 is taken high at the end of this procedure.
Figure 26. AD5062/AD5063 to 68HC11/68L11 Interface
AD5062/AD5063 to Blackfin ADSP-BF53X
Interface
Figure 2X shows a serial interface between the AD5641 and the
Blackfin ADSP-53X microprocessor. The ADSP-BF53X processor
family incorporates two dual-channel synchronous serial ports,
SPORT1 and SPORT0 for serial and multiprocessor
communications. Using SPORT0 to connect to the AD5062/63, the
setup for the interface is as follows. DT0PRI drives the SDIN pin of
the AD5062/63, while TSCLK0 drives the SCLK of the part. The
SYNC is driven from TFS0.
Figure 2X. AD5062/AD5063 to Blackfin ADSP-BF53X
Interface
AD5062/AD5063 to 80C51/80L51 Interface
Figure 27 shows a serial interface between the AD5062/AD5063
and the 80C51/80L51 microcontroller. The setup for the
interface is as follows:TXDofthe80C51/80L51drivesSCLKofthe
AD5062/AD5063, while RXD drives the serial data line of the
part. The SYNC signal is again derived from a bit
programmable pin on the port. In this case port line P3.3 is
used. When data is to be transmitted to the AD5062/AD5063,
P3.3 is taken low. The 80C51/80L51 transmits data only in 8-bit
bytes; thus only eight falling clock edges occur in the transmit
cycle. To load data to the DAC, P3.3 is left low after the first
eight bits are transmitted, and a second write cycle is initiated
to transmit the second byte of data. P3.3 is taken high following
the completion of this cycle. The 80C51/80L51 outputs the
serial data in a format which has the LSB first. The
AD5062/AD5063 requires its data with the MSB as the first bit
received. The 80C51/80L51 transmit routine should take this
into account.
Figure 27. AD5062/AD5063 to 80C51/80L51 Interface
AD5062/AD5063 to Microwire Interface
Figure 28 shows an interface between the AD5062/AD5063 and
any microwire compatible device. Serial data is shifted out on
the falling edge of the serial clock and is clocked into the
AD5062/AD5063 on the rising edge of the SK.
Figure 28. AD5062/AD5063 to MICROWIRE Interface
APPLICATIONS
Choosing a Reference for the AD5062/AD5063.
To achieve the optimum performance from the AD5060,
thought should be given to the choice of a precision voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com