Electronic Components Datasheet Search
  English  ▼

X  

TAS5132DDVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5132DDVR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5132DDVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5132DDVR Datasheet HTML 9Page - Texas Instruments TAS5132DDVR Datasheet HTML 10Page - Texas Instruments TAS5132DDVR Datasheet HTML 11Page - Texas Instruments TAS5132DDVR Datasheet HTML 12Page - Texas Instruments TAS5132DDVR Datasheet HTML 13Page - Texas Instruments TAS5132DDVR Datasheet HTML 14Page - Texas Instruments TAS5132DDVR Datasheet HTML 15Page - Texas Instruments TAS5132DDVR Datasheet HTML 16Page - Texas Instruments TAS5132DDVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
f − Frequency − kHz
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2
4
6
8
10 12 14 16 18 20 22 24
TC = 75°C
G007
TYPICAL CHARACTERISTICS, SE CONFIGURATION
PO − Output Power − W
1
0.01
0.01
0.1
10
1
TC = 75°C
Digital Gain = 3 dB
3
Ω
4
Ω
G008
0.1
10
PVDD − Supply Voltage − V
0
3
6
9
12
15
0
5
10
15
20
4
Ω
TC = 75°C
THD+N @ 10%
3
Ω
G009
TAS5132
SLES190 – DECEMBER 2006
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
NOISE AMPLITUDE
vs
FREQUENCY
Figure 7.
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 8.
Figure 9.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com