Electronic Components Datasheet Search
  English  ▼

X  

ADG792A Datasheet(PDF) 17 Page - Analog Devices

Part # ADG792A
Description  IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG792A Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG792A Datasheet HTML 13Page - Analog Devices ADG792A Datasheet HTML 14Page - Analog Devices ADG792A Datasheet HTML 15Page - Analog Devices ADG792A Datasheet HTML 16Page - Analog Devices ADG792A Datasheet HTML 17Page - Analog Devices ADG792A Datasheet HTML 18Page - Analog Devices ADG792A Datasheet HTML 19Page - Analog Devices ADG792A Datasheet HTML 20Page - Analog Devices ADG792A Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADG792A/ADG792G
Rev. 0 | Page 17 of 24
THEORY OF OPERATION
The ADG792A/ADG792G are monolithic CMOS devices, each
comprising three 4:1 multiplexer/demultiplexers controllable
via a standard I2C serial interface. The CMOS process provides
ultralow power dissipation yet it delivers high switching speed
and low on resistance.
The on resistance profile is very flat over the full analog input
range and the wide bandwidth ensures excellent linearity and
low distortion. These features, combined with a wide input
signal range, make the ADG792A/ADG792G the ideal switching
solution for a wide range of TV applications.
The switches conduct equally well in both directions when on.
In the off condition, signal levels up to the supplies are blocked.
The integrated serial I2C interface controls the operation of the
multiplexers and general-purpose logic pins.
The ADG792A/ADG792G have many attractive features, such
as the ability to individually control each multiplexer, the option
of reading back the status of any switch, and two general-purpose
logic output pins controllable through the I2C interface (available
with the ADG792G only). The following sections describe these
features in more detail.
I2C SERIAL INTERFACE
The ADG792A/ADG792G are controlled via an I2C-compatible
serial bus interface (refer to the I2C-Bus Specification available
from Philips Semiconductor) that allows the part to operate as
a slave device (no clock is generated by either the ADG792A or
the ADG792G). The communication protocol between the I2C
master and the device operates as follows:
1.
The master initiates data transfer by establishing a start
condition defined as a high to low transition on the SDA
line while SCL is high. This indicates that an address/data
stream follows. All slave devices connected to the bus
respond to the start condition and shift in the next eight
bits, consisting of a seven bit address (MSB first) plus an
R/W bit. This bit determines the direction of the data flow
during the communication between the master and the
addressed slave device.
2.
The slave device whose address corresponds to the
transmitted address responds by pulling the SDA line
low during the ninth clock pulse (this is termed the
acknowledge bit).
At this stage, all other devices on the bus remain idle while
the selected device waits for data to be written to, or read
from, its serial register. If the R/W bit is set high, the master
reads from the slave device. However, if the R/W bit is set
low, the master writes to the slave device.
3.
Data transmits over the serial bus in sequences of nine clock
pulses (eight data bits followed by an acknowledge bit).
The transitions on the SDA line must occur during the low
period of the clock signal, SCL, and remain stable during
the high period of SCL, because a low-to-high transition
when the clock signal is high can be interpreted as a stop
event which ends the communication between the master
and the addressed slave device.
4.
After transferring all data bytes, the master establishes a
stop condition, defined as a low to high transition on the
SDA line while SCL is high. In write mode, the master
pulls the SDA line high during the tenth clock pulse to
establish a stop condition. In read mode, the master issues
a no acknowledge for the ninth clock pulse (the SDA line
remains high). The master then brings the SDA line low
before the tenth clock pulse, and then high during the
tenth clock pulse to establish a stop condition.
I2C ADDRESS
The ADG792A/ADG792G has a seven-bit I2C address. The four
most significant bits are internally hardwired and the last three
bits (A0, A1, and A2) are user-adjustable. This allows the user
to connect up to eight ADG792A/ADG792Gs to the same bus.
The I2C bit map shows the configuration of the seven-bit
address.
Seven-Bit I2C Address Bit Configuration
MSB
LSB
1
0
1
0
A2
A1
A0
WRITE OPERATION
When writing to the ADG792A/ADG792G, the user must
begin with an address byte and R/W bit, after which time
the switch acknowledges that it is prepared to receive data
by pulling SDA low. Data is loaded into the device as a 16-bit
word under the control of a serial clock input, SCL. Figure 31
illustrates the entire write sequence for the ADG792A/ADG792G.
The first data byte (AX7 to AX0) controls the status of the
switches and the LDSW and RESETB bits from the second byte
control the operation mode of the device. Table 6 shows a list of
all commands supported by the ADG792A/ADG792G with the
corresponding byte that needs to be loaded during a write
operation.
To achieve the desired configuration, one or more commands
can be loaded into the device. Any combination of the commands
listed in Table 6 can be used with the following restrictions:
•
Only one switch from a given multiplexer can be on at any
given time.
•
When a sequence of successive commands affect the same
element (that is, the switch or GPO pin), only the last
command is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com