Electronic Components Datasheet Search
  English  ▼

X  

ADG842 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG842
Description  0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG842 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG842 Datasheet HTML 5Page - Analog Devices ADG842 Datasheet HTML 6Page - Analog Devices ADG842 Datasheet HTML 7Page - Analog Devices ADG842 Datasheet HTML 8Page - Analog Devices ADG842 Datasheet HTML 9Page - Analog Devices ADG842 Datasheet HTML 10Page - Analog Devices ADG842 Datasheet HTML 11Page - Analog Devices ADG842 Datasheet HTML 12Page - Analog Devices ADG842 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG841/ADG842
Rev. 0 | Page 9 of 16
TEMPERATURE (°C)
120
–40
–20
0
20
40
60
80
100
200
150
100
50
0
–50
–100
VDD = 3.3V
ID, IS (ON)
IS (OFF)
ID (OFF)
Figure 9. Leakage Current vs. Temperature, VDD = 3.3 V
TEMPERATURE (°C)
120
–40
0
20
–20
406080
100
140
100
120
40
20
80
60
0
–20
–40
–60
VDD = 2.5V
ID, IS (ON)
IS (OFF)
ID (OFF)
Figure 10. Leakage Current vs. Temperature, VDD = 2.5 V
TEMPERATURE
120
–40
–20
0
20
40
60
80
100
60
40
50
30
10
20
–10
0
–20
VDD = 1.8V
ID, IS (ON)
ID (OFF)
IS (OFF)
Figure 11. Leakage Current vs. Temperature, VDD = 1.8 V
VS (V)
3.0
0
0.5
1.0
1.5
2.5
2.0
450
400
350
300
250
200
150
100
50
0
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
TA = 25°C
Figure 12. Charge Injection vs. Source Voltage
TEMPERATURE (°C)
120
–40
0
20
–20
40
60
80
100
25
20
15
10
5
0
TON
TOFF
VDD = 1.8V
VDD = 3.3V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
VDD = 2.5V
Figure 13. tON/tOFF Times vs. Temperature
FREQUENCY (Hz)
100M
100
1k
10k
100k
1M
10M
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
TA = 25°C
VDD = 3.3V/2.5V/1.8V
Figure 14. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com