Electronic Components Datasheet Search
  English  ▼

X  

ADG1233 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG1233
Description  Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1233 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG1233 Datasheet HTML 8Page - Analog Devices ADG1233 Datasheet HTML 9Page - Analog Devices ADG1233 Datasheet HTML 10Page - Analog Devices ADG1233 Datasheet HTML 11Page - Analog Devices ADG1233 Datasheet HTML 12Page - Analog Devices ADG1233 Datasheet HTML 13Page - Analog Devices ADG1233 Datasheet HTML 14Page - Analog Devices ADG1233 Datasheet HTML 15Page - Analog Devices ADG1233 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG1233/ADG1234
Rev. A | Page 13 of 16
TEST CIRCUITS
IDS
SD
VS
V
Figure 24. On Resistance
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
Figure 25. Off Leakage
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Figure 26. On Leakage
INx
VOUT
D
SxA
VDD
VSS
VDD
VSS
GND
CL
35pF
SxB
VIN
VS
0.1µF
0.1µF
RL
300Ω
50%
50%
90%
50%
50%
90%
tON
tOFF
VIN
VOUT
VIN
Figure 27. Switching Timing
INx
VOUT
D
SxA
VDD
VSS
VDD
VSS
GND
CL
35pF
SxB
VIN
VS
0.1µF
0.1µF
RL
300Ω
80%
tBBM
tBBM
VOUT
VIN
Figure 28. Break-Before-Make Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com