Electronic Components Datasheet Search
  English  ▼

X  

9147BA Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9147BA
Description  Set SlimLine with Integrated, Single-Component SlimLine Shear Force Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9147BA Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9147BA Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9147BA Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9147BA Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9147BA Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9147BA Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2010 ... 2016, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 2/5
Set SlimLine with Integrated, Single-Component SlimLine Force Sensors,,
Type 9143BA... to 9147BA...
Fig. 3: Set SlimLine
Connecting cable
Dimensions of the Individual Sensors
Set
D External
d Internal
Height
SlimLine
diameter (mm)
diameter (mm)
(mm)
9143BA…
16
6,1
3,5
9144BA…
20
8,1
3,5
9145BA…
24
10,1
3,5
9146BA…
30
12,1
4,0
9147BA…
36
14,1
5,0
Mounting
A shear force sensor must always be fitted under preten-
sion, since the shear forces are transmitted by stiction. The
contact surfaces with the sensor must be absolutely free of
grease, finish machined and rigid. The adjacent table contains
the most important information concerning pretensioning.
Note: The stated tightening torque applies only to the screw
thread M mentioned (lightly greased). Markings on the sensor
case facilitate its alignment. Two pins can be used to prevent
the sensor from turning during its installation (Fig. 2).
The SlimLine kit is supplied uncalibrated. Only after mounting
can the sensitivity be determined through calibration.
Measuring direction + Fy cover plate
Measuring direction – Fy base plate
Fig. 2: Two pins prevent the sensor from turning
Fig. 1: Dimensions SlimLine Sensor
Fig. 4: Mounting dimensions with direct force measurement
geschliffen
Ra 0,4
Ra 0,4
geschliffen
0,01
F
F
F
Installation Examples in Shear Force Plates
Fig. 5: Single-component dynamometer. Measurement of shear forces Fy.
Note: two sensors must be fitted so that they are arranged around
the connector axis.
Basic Type
Range
Pretensioning Force 1)
Tightening
Fy
Fv
Torque
[kN]
[kN]
[N·m]
9143B…
0,9
9,0
10,0
9144B…
1,7
17,0
23,0
9145B…
2,7
27,0
46,0
9146B…
4,0
40,0
79,0
9147B…
8,0
80,0
135,0
grinded
grinded
Slot >3mm for sensor cable necessary
1)
Can not be measured with the sensor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com