Electronic Components Datasheet Search
  English  ▼

X  

1926ASP Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 1926ASP
Description  Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

1926ASP Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  1926ASP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 1926ASP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 1926ASP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 1926ASP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 1926ASP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Pressure
Longitudinal Measuring Pin M5
for contactfree measurement of cavity and injection pressures
© 2006 ... 2021 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products
are protected by various intellectual property rights. For more details visit
www.kistler.com.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Type 9247A...
Piezoelectric sensor for monitoring cavity and injection pres-
sures in the injection molding process. This compact, longitudi-
nally sensitive pin is used for indirect measurement of dynamic
pressures.
• Compact installation size
• Contact-free measurement of high pressures
• Cavity pressure measurement behind the cavity wall, with-
out imprint
• Indirect measurement of injection pressure in the nozzle
Description
The measuring pin is mounted with a precisely defined preload.
The strain in the surrounding material is transferred via the end
of the sensor and the external thread to the quartz sensing
element.
The electrical charge output is proportional to the change in
mechanical strain. A charge amplifier converts the charge into
a voltage signal that can be processed as required.
The sensitivity of the entire structural system must be analyzed
for an absolute pressure measurement. This means that the ex-
pansion or compressibility of the relevant structure, including
mounted measuring pin, must be determined, via a calculation
or comparison measurement.
Application
The Types 9247A0.8, 9247Asp, 9247AG and 9247AE are
used for the contactfree cavity pressure monitoring in injection
molds. They are installed behind the cavity wall in a blind hole
vertically to the contour. The compression of the mold steel
during the filling process is transferred to the measuring pin
and generates a pressure-proportional signal. The measuring
pin is therefore mainly used for components in which no im-
print is allowed on the surface.The high temperature variant
Type 9247AQ01 is used for monitoring the injection pressure
on injection molding machines. It is installed in a blind hole
tangential to the nozzle and measures the expansion of the
nozzle cylinder during injection.
Technical data
Range 1)
με
–1 400 … 1 400
Overload
με
±2 000
Axial preloading force
kN
≈3.3 (≈–20 000 pC)
Sensitivity (in test object)
pC/με
≈–8.6
Sensitivity to force
pC/N
≈–6
(for preload)
Reproducibility
%
<±1
of sensitivity when dismounting
and remounting
Linearity
%FSO
≤±2
Hysteresis
%FSO
≤3
Natural frequency
kHz
>200
Acceleration sensitivity
pC/g
<0.07
Operating temperature range
°C
–40 … 200
High temperature Type 9247AQ01
°C
–40 ... 300
Insulation resistance at 20°C
Ω
≥1013
Degree of protection
IP65
(with connected cable)
Weight
g
2.5
(without cable and preloading bolt)
Connection
M4x0.35 neg.
1) Sensor mounted with preload
Z12472-312
9247A
3.04.96
AL
M4 x 0,35
M5 x 0,5
6,1
SW5,5
4,4
3,5 h6


Similar Part No. - 1926ASP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1926.1 ETC2-1926.1 Datasheet
1Mb / 16P
Drywall Punch
logo
Festo Corporation.
19260 FESTO-19260 Datasheet
89Kb / 2P
ISO cylinder
192600 FESTO-192600 Datasheet
67Kb / 1P
Filter regulator
logo
PHOENIX CONTACT
1926002 PHOENIX-1926002 Datasheet
300Kb / 10P
FKIC 2,5/16-ST-5,08-RN - PCB connector
logo
Festo Corporation.
192601 FESTO-192601 Datasheet
67Kb / 1P
Filter regulator
More results

Similar Description - 1926ASP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
MHST02518Z LINEAGEPOWER-MHST02518Z Datasheet
290Kb / 8P
Longitudinal and Transverse Heat Sinks
logo
List of Unclassifed Man...
23364 ETC2-23364 Datasheet
83Kb / 1P
Measuring adapter for measurement with 4 mm measuring leads and plugs and DIN EN 175 301-803-A sockets
logo
Turck, Inc.
BI2-CRS260-ADZ30X2-B3131 TURCK-BI2-CRS260-ADZ30X2-B3131 Datasheet
215Kb / 2P
Inductive sensor For high pressures
logo
Broadcom Corporation.
AFBR-S50MV85G BOARDCOM-AFBR-S50MV85G Datasheet
1Mb / 19P
Time-of-Flight Sensor Module for Distance and Motion Measurement
logo
Schneider Electric
LR01 SCHNEIDER-LR01 Datasheet
78Kb / 2P
Non-contact radar for measuring distance, level and volume of liquids and pastes
Apr 26, 2022
logo
Broadcom Corporation.
AFBR-S50LV85D BOARDCOM-AFBR-S50LV85D Datasheet
959Kb / 19P
Time-of-Flight Sensor Module for Distance and Motion Measurement
December 12, 2022
logo
KISTLER INSTRUMENT CORP...
9129A KISTLER-9129A Datasheet
1Mb / 12P
3-Component Measuring System For cutting force measurement during turning
9221A KISTLER-9221A Datasheet
156Kb / 5P
Quartz Measuring Tongue for mold cavity pressure
9223A KISTLER-9223A Datasheet
119Kb / 3P
Miniature Quartz Measuring Tongue for mold cavity pressure
logo
Endress+Hauser Group Se...
CLD132 EH-CLD132 Datasheet
910Kb / 20P
Measuring system with inductive sensor for conductivity and concentration measurement in the food industry
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com