Electronic Components Datasheet Search
  English  ▼

X  

9247ASP Datasheet(PDF) 5 Page - KISTLER INSTRUMENT CORPORATION

Part # 9247ASP
Description  Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9247ASP Datasheet(HTML) 5 Page - KISTLER INSTRUMENT CORPORATION

  9247ASP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5/5
Longitudinal Measuring Pin M5 – for contactfree measurement of cavity and injection pressures,
Type 9247A...
© 2006 ... 2021 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products
are protected by various intellectual property rights. For more details visit
www.kistler.com.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Accessories included
Type/Mat. No.
• Type 9247A0.8 and 9247Asp
– Connection cable, coaxial
1926A...
– Special grease 5 g
1063
• Type 9247AE and 9247AG
– Connection cable, Single-Wire L = 5 m 1666A4
– Mounting plate for Fischer 102
65005208
– Connector, Single-Wire
1839
– ID- Plate
– Special grease 5 g
1063
• Type 9247AQ01
– None (see optional accessories)
Optional accessories
Type/Art. No.
Tools for installation
• Tubular socket wrench
1300A9
SW internal 5.5/external 7.3 mm,
wrench length 220 mm
• Special typ M5x0.5
1357A
• Finishing tool for bore,
1300A79
bore depth ≤60 mm
• Finishing tool for bore,
1300A79Q01
bore depth ≤170 mm
• Preload tester
5991
• Hand-held charge amplifier
5995
Connecting cable
• PFA, ø 2 mm, M4 pos. int./
1926A0.8
M4 pos. int., length 0.8 m
• PFA, ø 2 mm, M4 pos. int./
1926Asp0.1-2
M4 pos. int., Length 0.1 ... 2 m
• PFA, ø 2 mm, M4 pos. int./
1926Asp
M4 pos. int., special length
• Connection cable, Single-Wire
1666A2
M4 x 0.35 pos. - flying lead, l=1.5 m
(Typ 9247AE and 9247AG)
• High temperature connection cable,
1951AQ01
Kapton/PFA, 260°C
KIAG M4x0.35 pos. integr. –
KIAG M4x0.35 pos. integr.
steel braided, l = 1 m, (Typ 9247AQ01)
Connectors and adaptors
• Multichannel connectors, 4 or 8 channels 1722A...
• Adapter, KIAG M4 neg. –
1700A33
Fischer KE102A014-16 neg.
Plug
• Plastic, ø12,5/1,8x12
65000554
• Dummy sensor
9499A
Ordering key
Type 9247A
Z12472-313
9247A0,8
3.04.96
AL
L = 0,8m
R min.
3
5
14,3
Type 1926A0,8
Type 9247A
M4 pos. integr.
Fig. 10: Type 9247A0.8
Dimensions miniature longitudinal measuring pin
Type 9247A0.8
Sensor without cable
–
Sensor with connecting cable
Type 1926A0.8 (l = 0.8 m)
0.8
Sensor with connecting cable
Type 1926Asp, cable length with order
(Lmin. = 0.1 m/Lmax. = 10 m)
sp
Sensor with Single Wire cable, l = 1.5 m
With connector Type 1839
AE
Sensor with Single-Wire cable, l = 1.5 m
Without connector
AG
High temperature sensor for injection
pressure
Q01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com