Electronic Components Datasheet Search
  English  ▼

X  

1769-OF2 Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 1769-OF2
Description  COMPACTLOGIX 2AO CURRENT/VOLTAGE MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

1769-OF2 Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  1769-OF2 Datasheet HTML 1Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automation Systems > Modular Programmable Controllers > Compact PLC Systems > Allen-Bradley Bulletin 1769
CompactLogix™ > CompactLogix™ I/O Modules > CompactLogix™ Analogue I/O Modules
COMPACTLOGIX 2AO CURRENT/VOLTAGE MODULE
1769-OF2
Catalogue No:
·
Current, voltage, thermocouple and RTD modules
available
·
Over-range and under-range detection
·
Selectable response to a input sensor fault
·
Optional ability to direct output device operation during
an abnormal condition
·
Individually configurable channels
Representative Photo Only
(actual product may vary based on configuration selections)
CompactLogix 2 Channel Analog Current/Voltage Output Module
SPECIFICATIONS
Product Series
Component Type PLC & I/O
Number of Analogue Outputs
Analogue Output Type(s)
Analogue Output Range(s)
Analogue Resolution, Output
Operating Temperature, Max
Operating Temperature, Min
Storage Temperature, Max
Storage Temperature, Min
Relative Humidity, Max
Humidity Type
CompactLogix (Bul. 1768 / 1769)
Analogue Output Module
2 qty
Current / Voltage: Single-Ended
-10 +10V DC
0 ... 10V DC
0 ... 5V DC
1 ... 5V DC
0 ... 20mA
4 ... 20mA
14 bit (signed)
60 °C max
0 °C min
85 °C max
-40 °C min
95 %RH
Non-condensing
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 1 of 1
8 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
1769OF2 Datasheet
NHP Electrical Engineering Products


Similar Part No. - 1769-OF2

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1769-OF4 NHP-1769-OF4 Datasheet
443Kb / 1P
COMPACTLOGIX 4AO CURRENT/VOLTAGE MODULE
8 June 2023,
1769-OF4CI NHP-1769-OF4CI Datasheet
443Kb / 1P
COMPACTLOGIX 4AO CURRENT MODULE ISOLATED
8 June 2023,
1769-OF8C NHP-1769-OF8C Datasheet
443Kb / 1P
COMPACTLOGIX 8AO CURRENT MODULE
8 June 2023,
1769-OF8V NHP-1769-OF8V Datasheet
444Kb / 1P
COMPACTLOGIX 8AO VOLTAGE MODULE
8 June 2023,
More results

Similar Description - 1769-OF2

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1734-OE2C NHP-1734-OE2C Datasheet
457Kb / 1P
POINT I/O 2AO CURRENT MODULE
7 June 2023,
1756-IF4FXOF2F NHP-1756-IF4FXOF2F Datasheet
510Kb / 2P
CONTROLLOGIX 4AI/2AO FAST CURRENT/VOLTAGE MODULE
8 June 2023,
1769-IF4 NHP-1769-IF4 Datasheet
438Kb / 1P
COMPACTLOGIX 4AI CURRENT/VOLTAGE MODULE
8 June 2023,
1769-IF4I NHP-1769-IF4I Datasheet
539Kb / 1P
COMPACTLOGIX 4AI CURRENT/VOLTAGE ISOLATED MODULE
8 June 2023,
1769-IF4XOF2 NHP-1769-IF4XOF2 Datasheet
473Kb / 2P
COMPACTLOGIX 4AI/2AO CURRENT/VOLTAGE MODULE
8 June 2023,
1769-IF8 NHP-1769-IF8 Datasheet
540Kb / 1P
COMPACTLOGIX 8AI CURRENT/VOLTAGE MODULE
8 June 2023,
1769-OF4 NHP-1769-OF4 Datasheet
443Kb / 1P
COMPACTLOGIX 4AO CURRENT/VOLTAGE MODULE
8 June 2023,
1769-OF8C NHP-1769-OF8C Datasheet
443Kb / 1P
COMPACTLOGIX 8AO CURRENT MODULE
8 June 2023,
1769-OF8V NHP-1769-OF8V Datasheet
444Kb / 1P
COMPACTLOGIX 8AO VOLTAGE MODULE
8 June 2023,
1794-IF2XOF2I NHP-1794-IF2XOF2I Datasheet
543Kb / 2P
FLEX I/O 2AI 2AO CURRENT/VOLTAGE ISOLATED MODULE
7 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com