Electronic Components Datasheet Search
  English  ▼

X  

BLY89C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLY89C
Description  VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLY89C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLY89C Datasheet HTML 3Page - NXP Semiconductors BLY89C Datasheet HTML 4Page - NXP Semiconductors BLY89C Datasheet HTML 5Page - NXP Semiconductors BLY89C Datasheet HTML 6Page - NXP Semiconductors BLY89C Datasheet HTML 7Page - NXP Semiconductors BLY89C Datasheet HTML 8Page - NXP Semiconductors BLY89C Datasheet HTML 9Page - NXP Semiconductors BLY89C Datasheet HTML 10Page - NXP Semiconductors BLY89C Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
August 1986
8
Philips Semiconductors
Product specification
VHF power transistor
BLY89C
Fig.9
handbook, halfpage
0
5
10
15
50
0
25
MGP869
PL
(W)
PS (W)
f = 175 MHz
typical values
VCC = 13.5 V
VCC = 12.5 V
Th = 25 °C
Th = 70 °C
Fig.10
handbook, halfpage
0
15
10
5
0
150
100
50
0
Gp
(dB)
40
MGP870
20
η
(%)
PL (W)
f = 175 MHz
Th = 25 °C
typical values
VCC = 13.5 V
VCC = 12.5 V
Gp
η
Fig.11 R.F. soar.
handbook, halfpage
1
1.1
1.2
1.3
40
0
MGP871
30
20
10
PLnom
(W)
VSWR = 1
VCC
VCCnom
50
VSWR =
10
PS
PSnom
Conditions for R.F. SOAR
f = 175 MHz
Th =70 °C
Rth mb-h = 0,45 K/W
VCCnom = 13,5 V
PS =PSnom at VCCnom = 13,5 V and VSWR = 1
The transistor has been developed for use with
unstabilized supply voltages. As the output power and
drive power increase with the supply voltage, the nominal
output power must be derated in accordance with the
graph for safe operation at supply voltages other than the
nominal. The graph shows the permissible output power
under nominal conditions (VSWR = 1), as a function of the
expected supply over-voltage ratio with VSWR as
parameter.
The graph applies to the situation in which the drive
(PS/PSnom) increases linearly with supply over-voltage
ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com