Electronic Components Datasheet Search
  English  ▼

X  

ADM1067ACP Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1067ACP
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ACP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1067ACP Datasheet HTML 17Page - Analog Devices ADM1067ACP Datasheet HTML 18Page - Analog Devices ADM1067ACP Datasheet HTML 19Page - Analog Devices ADM1067ACP Datasheet HTML 20Page - Analog Devices ADM1067ACP Datasheet HTML 21Page - Analog Devices ADM1067ACP Datasheet HTML 22Page - Analog Devices ADM1067ACP Datasheet HTML 23Page - Analog Devices ADM1067ACP Datasheet HTML 24Page - Analog Devices ADM1067ACP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADM1067
Rev. B | Page 21 of 32
SUPPLY FAULT
DETECTION
LOGIC INPUT CHANGE
OR FAULT DETECTION
VP1
VX5
MONITORING FAULT
DETECTOR
MASK
SENSE
1-BIT FAULT
DETECTOR
FAULT
WARNINGS
MASK
1-BIT FAULT
DETECTOR
FAULT
MASK
SENSE
1-BIT FAULT
DETECTOR
FAULT
Figure 26. Monitoring Fault Detector Block Diagram
Timeout Detector
The timeout detector allows the user to trap a failure to make
proper progress through a power-up or power-down sequence.
In the sample application shown in Figure 24, the timeout next-
state transition is from the EN3V3 and EN2V5 states. For the
EN3V3 state, the signal 3V3ON is asserted upon entry to this
state (on the PDO1 output pin) to turn on a 3.3 V supply. This
supply rail is connected to the VP2 pin, and the sequence detec-
tor looks for the VP2 pin to go above its UV threshold, which is
set in the supply fault detector (SFD) attached to that pin.
The power-up sequence progresses when this change is
detected. If, however, the supply fails (perhaps due to a short
circuit overloading this supply), the timeout block traps the
problem. In this example, if the 3.3 V supply fails within 10 ms,
the SE moves to the DIS3V3 state and turns off this supply by
bringing PDO1 low. It also indicates that a fault has occurred by
taking PDO3 high. Timeout delays from 100 μs to 400 ms can
be programmed.
FAULT AND STATUS REPORTING
The ADM1067 has a fault latch for recording faults. Two registers
are set aside for this purpose, FSTAT1 and FSTAT2. A single bit
is assigned to each input of the device, and a fault on that input
sets the relevant bit. The contents of the fault register can be
read out over the SMBus to determine which input(s) faulted.
The fault register can be enabled/disabled in each state. To latch
data from one state, simply ensure that the fault latch is disabled
in the following state. This ensures that only real faults are
captured and not, for example, undervoltage conditions that
may be present during a power-up or power-down sequence.
The ADM1067 also has a number of status registers. These
include more detailed information, such as whether an
undervoltage or overvoltage fault is present on a particular
input faulted, as well as information on ADC limit faults. Note
that the data in the status registers is not latched in any way and,
therefore, is subject to change at any time.
See the AN-698 Application Note for full details about the
ADM1067 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com