Electronic Components Datasheet Search
  English  ▼

X  

1406409 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1406409
Description  SACC-CI-M12FSS-4CON-L180 THR PE - Flush-type connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406409 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1406409 Datasheet HTML 4Page - PHOENIX CONTACT 1406409 Datasheet HTML 5Page - PHOENIX CONTACT 1406409 Datasheet HTML 6Page - PHOENIX CONTACT 1406409 Datasheet HTML 7Page - PHOENIX CONTACT 1406409 Datasheet HTML 8Page - PHOENIX CONTACT 1406409 Datasheet HTML 9Page - PHOENIX CONTACT 1406409 Datasheet HTML 10Page - PHOENIX CONTACT 1406409 Datasheet HTML 11Page - PHOENIX CONTACT 1406409 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SACC-BP-F-M12/M15-6-THR - Housing screw connection
1414004
https://www.phoenixcontact.com/us/products/1414004
Housing screw connection, Socket, M12, Rear mounting, M15 x 1, Alternative
product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.:
1239056
SACC-BP-F-M12/M15-7-THR - Housing screw connection
1414003
https://www.phoenixcontact.com/us/products/1414003
Housing screw connection, Socket, M12, Rear mounting, M15 x 1, Alternative
product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.:
1239055
SACC-CI-M12FSS-4CON-L180 THR PE - Flush-type
connector
1406409
https://www.phoenixcontact.com/us/products/1406409
Jul 11, 2023, 4:26 AM
Page 10 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com