Electronic Components Datasheet Search
  English  ▼

X  

CS5160 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CS5160
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5160 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CS5160 Datasheet HTML 10Page - ON Semiconductor CS5160 Datasheet HTML 11Page - ON Semiconductor CS5160 Datasheet HTML 12Page - ON Semiconductor CS5160 Datasheet HTML 13Page - ON Semiconductor CS5160 Datasheet HTML 14Page - ON Semiconductor CS5160 Datasheet HTML 15Page - ON Semiconductor CS5160 Datasheet HTML 16Page - ON Semiconductor CS5160 Datasheet HTML 17Page - ON Semiconductor CS5160 Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
CS5160
http://onsemi.com
15
Layout Guidelines
1.
Place 12 V filter capacitor next to the IC and connect
capacitor ground to pin 11 (PGnd).
2.
Connect pin 11 (PGnd) with a separate trace to the
ground terminals of the 5.0 V input capacitors.
3.
Place fast feedback filter capacitor next to pin 8 (VFFB)
and connect it’s ground terminal with a separate, wide
trace directly to pin 14 (LGnd).
4.
Connect the ground terminals of the Compensation
capacitor directly to the ground of the fast feedback
filter capacitor to prevent common mode noise from
effecting the PWM comparator.
5.
Place the output filter capacitor(s) as close to the load
as possible and connect the ground terminal to pin 14
(LGnd).
6.
Connect the VFB pin directly to the load with a separate
trace (remote sense).
7.
Place 5.0 V input capacitors close to the switching
MOSFET and synchronous MOSFET.
Route gate drive signals VGATE(H) (pin 10) and
VGATE(L) (pin 12 when used) with traces that are a
minimum of 0.025 inches wide.
Figure 23. Layout Guidelines
To the negative terminal of the output capacitors
VCC
100 pF
0.1 μF
SOFT START
OFF TIME
VCOMP
To the negative terminal
of the input capacitors
15
11
5
8
VFFB
1.0 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com