Electronic Components Datasheet Search
  English  ▼

X  

BLY89 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLY89
Description  VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLY89 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLY89 Datasheet HTML 1Page - NXP Semiconductors BLY89 Datasheet HTML 2Page - NXP Semiconductors BLY89 Datasheet HTML 3Page - NXP Semiconductors BLY89 Datasheet HTML 4Page - NXP Semiconductors BLY89 Datasheet HTML 5Page - NXP Semiconductors BLY89 Datasheet HTML 6Page - NXP Semiconductors BLY89 Datasheet HTML 7Page - NXP Semiconductors BLY89 Datasheet HTML 8Page - NXP Semiconductors BLY89 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
August 1986
4
Philips Semiconductors
Product specification
VHF power transistor
BLY89C
CHARACTERISTICS
Tj =25 °C
Note
1. Measured under pulse conditions: tp ≤ 200 µs; δ≤ 0,02.
Breakdown voltage
Collector-emitter voltage
VBE =0;IC =25mA
V(BR)CES
>
36 V
Collector-emitter voltage
open base; IC =50mA
V(BR)CEO
>
18 V
Emitter-base voltage
open collector; IE =10mA
V(BR)EBO
>
4V
Collector cut-off current
VBE = 0; VCE =18V
ICES
<
10 mA
Transient energy
L = 25 mH; f = 50 Hz
open base
E
>
8ms
−VBE = 1,5 V; RBE =33 Ω
E
>
8ms
D.C. current gain(1)
IC = 2,5 A; VCE =5V
hFE
typ
50
10 to 80
Collector-emitter saturation voltage(1)
IC = 7,5 A; IB = 1,5 A
VCEsat
typ
1,7 V
Transition frequency at f = 100 MHz(1)
IC = 2,5 A; VCE = 13,5 V
fT
typ
800 MHz
IC = 7,5 A; VCE = 13,5 V
fT
typ
750 MHz
Collector capacitance at f = 1 MHz
IE =Ie = 0; VCB =15V
Cc
typ
65 pF
<
90 pF
Feedback capacitance at f = 1 MHz
IC = 100 mA; VCE =15V
Cre
typ
41 pF
Collector-stud capacitance
Ccs
typ
2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com