Electronic Components Datasheet Search
  English  ▼

X  

ADM2490E Datasheet(PDF) 13 Page - Analog Devices

Part # ADM2490E
Description  High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2490E Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM2490E Datasheet HTML 8Page - Analog Devices ADM2490E Datasheet HTML 9Page - Analog Devices ADM2490E Datasheet HTML 10Page - Analog Devices ADM2490E Datasheet HTML 11Page - Analog Devices ADM2490E Datasheet HTML 12Page - Analog Devices ADM2490E Datasheet HTML 13Page - Analog Devices ADM2490E Datasheet HTML 14Page - Analog Devices ADM2490E Datasheet HTML 15Page - Analog Devices ADM2490E Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM2490E
Rev. 0 | Page 13 of 16
CIRCUIT DESCRIPTION
ELECTRICAL ISOLATION
In the ADM2490E, electrical isolation is implemented on the
logic side of the interface. Therefore, the part has two main
sections: a digital isolation section and a transceiver section
(see Figure 21). The driver input signal, which is applied to the
TxD pin and referenced to logic ground (GND1), is coupled
across an isolation barrier to appear at the transceiver section
referenced to isolated ground (GND2). Similarly, the receiver
input, which is referenced to isolated ground in the transceiver
section, is coupled across the isolation barrier to appear at the
RxD pin referenced to logic ground.
iCoupler Technology
The digital signals are transmitted across the isolation barrier
using iCoupler technology. This technique uses chip scale
transformer windings to couple the digital signals magnetically
from one side of the barrier to the other. Digital inputs are
encoded into waveforms that are capable of exciting the
primary transformer winding. At the secondary winding, the
induced waveforms are decoded into the binary value that was
originally transmitted.
TRUTH TABLES
The truth tables in this section use the abbreviations shown in
Table 10.
Table 10. Truth Table Abbreviations
Abbreviation
Description
H
High level
I
Indeterminate
L
Low level
X
Irrelevant
Table 11. Transmitting
Supply Status
Input
Outputs
VDD1
VDD2
TxD
Y
Z
On
On
H
H
L
On
On
L
L
H
Table 12. Receiving
Supply Status
Inputs
Output
VDD1
VDD2
A − B (V)
RxD
On
On
>0.2
H
On
On
<−0.2
L
On
On
−0.2 < A − B < +0.2
I
On
On
Inputs open
H
On
Off
X
H
Off
On
X
H
Off
Off
X
L
ISOLATION
BARRIER
VDD2
VDD1
Y
Z
A
B
GND2
GND1
TxD
RxD
ENCODE
DECODE
DECODE
ENCODE
D
R
TRANSCEIVER
DIGITAL ISOLATION
Figure 21. ADM2490E Digital Isolation and Transceiver Sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com