Electronic Components Datasheet Search
  English  ▼

X  

LA211 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LA211
Description  Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LA211 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LA211 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LA211 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LA211 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LA211 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LA211
Rev.A
- 1 -
Letex Technology Corp.
Photocoupler
Part Name: LA211
Description
LA211 photocoupler is an optically coupled pair employing
a GaAs infrared LED and a silicon NPN phototransistor.
Features
•SOP package 4 Pin type in miniature design
•80% minimum current transfer ratio
•2500Vrms Input /Output Isolation
Applications
•Telephones
•Programmable controllers
•System appliances, measuring instruments.
•Signal transmission between circuits of different potentials and impedances.
Outline Dimensions
1. LED Anode
2. LED Cathode
3. Emitter
4. Collector
R96C
2
1
LA211
LETEX
3
4
1
2
3
4


Similar Part No. - LA211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA211 ETC-LA211 Datasheet
200Kb / 3P
Photocoupler
logo
Sanyo Semicon Device
LA2110 SANYO-LA2110 Datasheet
159Kb / 6P
FM Noise Canceller
LA2113 SANYO-LA2113 Datasheet
143Kb / 6P
FM Noise Canceler
More results

Similar Description - LA211

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB844 KINGBRIGHT-KB844 Datasheet
158Kb / 8P
PHOTOCOUPLER
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com