Electronic Components Datasheet Search
  English  ▼

X  

LA313 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LA313
Description  Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LA313 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LA313 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LA313 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LA313 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LA313 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LA313
- 1 -
Letex Technology Corp.
Photocoupler
Part Name: LA313
Description
LA313 photocoupler is an optically coupled pair
employing GaAs infrared LED and a NPN silicon photodarlington.
Features
˙ High current transfer ratio
(CTR: Min. 600% at IF=1mA)
˙ SOP package 8 Pin type in miniature design
˙ 1500V rms Input/Output isolation
Applications
˙ System appliances, measuring instruments
˙Telecommunication
˙ PLCs
˙ Signal transmission between circuits of different potentials
˙ Registers, copiers, automatic vending
Outline Dimensions
(Unit: mm [inch])
General Tolerance: ±0.1
Terminal Thickness: 0.15 [.006]
LA313
LETEX
R96C
1
2
4
3
8
7
6
5
1,3. Anode
2,4. Cathode
5,7. Emitter
6,8. Collector
1
2
3
4
8
7
6
5


Similar Part No. - LA313

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3130 SANYO-LA3130 Datasheet
130Kb / 3P
LA3130
LA3133 SANYO-LA3133 Datasheet
198Kb / 5P
LA3133
More results

Similar Description - LA313

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB844 KINGBRIGHT-KB844 Datasheet
158Kb / 8P
PHOTOCOUPLER
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA211 LETEX-LA211 Datasheet
195Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com