Electronic Components Datasheet Search
  English  ▼

X  

LA314 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LA314
Description  Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LA314 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LA314 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LA314 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LA314 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LA314 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LA314
- 1 -
Letex Technology Corp.
Photocoupler
Part Name: LA314
Features
•
•
•
•SOP package 8 Pin type in miniature design
•600% minimum current transfer ratio
•1500V rms Input/Output isolation
•AC input.
Applications
•Telephones
•Programmable controllers
•System appliances, measuring instruments.
•Signal transmission between circuits of different potentials and impedances.
Outline Dimensions
General Tolerance: ±0.1
Terminal Thickness: 0.15 [.006]
1,3. Anode,Cathode
2,4. Cathode, Anode
5,7. Emitter
6,8. Collector
1
2
3
4
LETEX
R96C
LA314
2
1
3
4
(Unit: mm [inch])
8
7
5
6
7
8
6
5


Similar Part No. - LA314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA314 ETC-LA314 Datasheet
200Kb / 3P
Photocoupler
More results

Similar Description - LA314

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA211 LETEX-LA211 Datasheet
195Kb / 4P
Photocoupler
LA313 LETEX-LA313 Datasheet
211Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com