Electronic Components Datasheet Search
  English  ▼

X  

LBR-123 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LBR-123
Description  Reflective Object Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LBR-123 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LBR-123 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LBR-123 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LBR-123 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Letex Technology Corp.
1
Reflective Object Sensor
Model No: LBR-123
Description
The LBR-123 is a light reflection switch which includes a GaAs IRLED transmitter and a NPN photo-transistor
with a high photosensitive receiver for short distance, operating in the infrared range. Both components are
mounted side-by-side in a plastic package.
Features
˙Fast response time
˙High sensitivity
˙Cutting wavelength
λ =840nm
˙Thin
˙Compact
Applications
˙Camera
˙VCR
˙Floppy disk driver
˙Cassette type recorder
˙Various microcomputer control equipment
Outline dimensions
1
4
3
2
4
2
3
1
1
3
4
2
NOTE:
1. All dimensions are in millimeter.
2. Tolerance is ±0.25mm.


Similar Part No. - LBR-123

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBR-123 ETC-LBR-123 Datasheet
194Kb / 4P
Reflective Object Sensor
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
logo
LETEX TECHNOLOGY CORP.
LBR-123F LETEX-LBR-123F Datasheet
223Kb / 2P
Reflective Object Sensor
logo
List of Unclassifed Man...
LBR-123S ETC-LBR-123S Datasheet
194Kb / 4P
Reflective Object Sensor
logo
LETEX TECHNOLOGY CORP.
LBR-123S LETEX-LBR-123S Datasheet
136Kb / 2P
Reflective Object Sensor
More results

Similar Description - LBR-123

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
Reflective Object Sensor
Jun-1996
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
Reflective Object Sensor
1/16
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com