Electronic Components Datasheet Search
  English  ▼

X  

CS5421GD16 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5421GD16
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5421GD16 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5421GD16 Datasheet HTML 6Page - ON Semiconductor CS5421GD16 Datasheet HTML 7Page - ON Semiconductor CS5421GD16 Datasheet HTML 8Page - ON Semiconductor CS5421GD16 Datasheet HTML 9Page - ON Semiconductor CS5421GD16 Datasheet HTML 10Page - ON Semiconductor CS5421GD16 Datasheet HTML 11Page - ON Semiconductor CS5421GD16 Datasheet HTML 12Page - ON Semiconductor CS5421GD16 Datasheet HTML 13Page - ON Semiconductor CS5421GD16 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CS5421
http://onsemi.com
12
where:
PGATE(L) = lower MOSFET gate driver (IC) losses;
QGATE(L) = total lower MOSFET gate charge at VCC;
fSW = switching frequency;
The junction temperature of the control IC is primarily a
function of the PCB layout, since most of the heat is removed
through the traces connected to the pins of the IC.
Adding External Slope Compensation
Today’s voltage regulators are expected to meet very
stringent load transient requirements. One of the key factors
in achieving tight dynamic voltage regulation is low ESR.
Low ESR at the regulator output results in low output
voltage ripple. The consequence is, however, that very little
voltage ramp exists at the control IC feedback pin (VFB),
resulting in increased regulator sensitivity to noise and the
potential for loop instability. In applications where the
internal slope compensation is insufficient, the performance
of the CS5421−based regulator can be improved through the
addition of a fixed amount of external slope compensation
at the output of the PWM Error Amplifier (the COMP pin)
during the regulator off−time. Referring to Figure 7, the
amount of voltage ramp at the COMP pin is dependent on the
gate voltage of the lower (synchronous) FET and the value
of resistor divider formed by R1and R2.
VSLOPECOMP + VGATE(L)
R2
R1 ) R2
(1.0 * e
−t
t )
where:
VSLOPECOMP = amount of slope added;
VGATE(L) = lower MOSFET gate voltage;
R1, R2 = voltage divider resistors;
t = tON or tOFF (switch off−time);
τ = RC constant determined by C1 and the parallel
combination of R1, R2 neglecting the low driver
output impedance.
The artificial voltage ramp created by the slope
compensation scheme results in improved control loop
stability provided that the RC filter time constant is smaller
than the off−time cycle duration (time during which the
lower MOSFET is conducting). It is important that the series
combination of R1 and R2 is high enough in resistance to
avoid loading the GATE(L) pin.
Figure 8. Small RC Filter Provides the Proper
Voltage Ramp at the Beginning of Each
On−Time Cycle
To Synchronous
FET
C1
R2
R1
CS5421
GATE(L)
COMP
CCOMP
THERMAL MANAGEMENT
Thermal Considerations for Power MOSFET
As the plastic packaging of a semiconductor will
deteriorate at high temperatures, it is necessary to limit the
junction temperature of the control IC and power MOSFETs
to maintain high reliability. Most semiconductor devices
have a maximum junction temperature of 150°C, and
manufacturers recommend operating their products at lower
temperatures if at all possible.
Power dissipation in a semiconductor devices results in
the generation of heat in the pin junctions at the surface of
the chip. This heat is transferred to the surface of the IC
package, but a thermal gradient exists due to the resistive
properties of the package molding compound. The
magnitude of the thermal gradient is expressed in
manufacturer’s data sheets as ΘJA, or junction−to−air
thermal resistance. The on−chip junction temperature can be
calculated if ΘJA, the air temperature at the surface of the IC,
and the on−chip power dissipation are known.
TJ + TA ) (PDQJA)
where:
TJ = IC or FET junction temperature (in degrees C);
TA = ambient temperature (in degrees C);
PD = power dissipated by part in question (in watts);
ΘJA = junction−to−ambient thermal resistance (in degrees
C per watt).
The value for ΘJA can be found in the Absolute Maximum
Ratings table on page 2 of this datasheet. Note that this
value is different for every package style and every
manufacturer.
The junction temperature should be calculated for all
semiconductor devices as a part of the design phase in order
to ensure that the devices are operated below the
manufacturer’s
maximum
junction
temperature
specification. If any component’s temperature exceeds the
manufacturer’s maximum temperature, some form of
heatsink will be required.
Heatsinking improves the thermal performance of any
component. Adding a heatsink will reduce the magnitude of
ΘJA by providing a larger surface area for the transfer of heat
from the component to the surrounding air. Typical
heatsinking techniques include the use of commercial
heatsinks for devices in TO−220 packages, or printed circuit
board techniques such as thermal bias and large copper foil
areas for surface mount packages.
When choosing a heatsink, it is important to realize that
ΘJA is comprised of several components:
QJA + QJC ) QCS ) QSA
where:
ΘJC = the junction−to−case thermal resistance (in degrees
C per watt);
ΘCS = the case−to−sink thermal resistance (in degrees C
per watt);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com