Electronic Components Datasheet Search
  English  ▼

X  

LC-77 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LC-77
Description  Magnetic Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LC-77 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LC-77 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LC-77 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Letex Technology Corp.
1
Magnetic Contact
Part No. LC-77
Description
Magnetic contact is a proximity switch what is used magnetic field of magnet to actuate Reed Switch.
Because of design in Reed Switch, low cost and simple using-way is major characteristics of magnetic
contact.
Application
•Security equipment
•domestic appliances
•automation machines
Feature
•Regular gap up to 25 mm
•Surface mount / wire leads.
Outline dimensions


Similar Part No. - LC-77

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
LC-71X9-B7644 BRADY-LC-71X9-B7644 Datasheet
97Kb / 1P
Laminat™ Carriers
logo
LETEX TECHNOLOGY CORP.
LC-73 LETEX-LC-73 Datasheet
47Kb / 2P
Magnetic Contact
More results

Similar Description - LC-77

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC-12 ETC1-LC-12 Datasheet
33Kb / 2P
Magnetic Contact
logo
LETEX TECHNOLOGY CORP.
LC-11 LETEX-LC-11 Datasheet
23Kb / 2P
Magnetic Contact
LC-13BW LETEX-LC-13BW Datasheet
39Kb / 2P
Magnetic Contact
LC-15AW LETEX-LC-15AW Datasheet
34Kb / 2P
Magnetic Contact
LC-23 LETEX-LC-23 Datasheet
36Kb / 2P
Magnetic Contact
LC-31TC LETEX-LC-31TC Datasheet
73Kb / 2P
Magnetic Contact
LC-69 LETEX-LC-69 Datasheet
37Kb / 2P
Magnetic Contact
LC-89 LETEX-LC-89 Datasheet
306Kb / 4P
Magnetic Contact
LC-101 LETEX-LC-101 Datasheet
36Kb / 2P
Magnetic Contact
LCP-15BW-260-24 LETEX-LCP-15BW-260-24 Datasheet
70Kb / 2P
Magnetic Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com