Electronic Components Datasheet Search
  English  ▼

X  

LC-82 Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LC-82
Description  Magnetic Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LC-82 Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LC-82 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LC-82 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Letex Technology Corp.
2
Magnetic Contact
Part No. LC-88
Switch
Contact arrangement
Closed loop
Switching voltage (Max.)
100v AC/DC
Switching current (Max.)
0.5 A
Contact capacity (Max.)
10 VA
Initial contact (Max.)
0.2 Ohm
Carry current (Max.)
0.1 A
Breakdown voltage
150 VDC
Insulation resistance (Min.)
100 Mohm
Switch cycle
5×10
7 cycle at 30V 0.05ADC
Magnet
Material
Anisotropic ferrite
Residual flux density (Br)
11.8~12.5 KGauss
Maximun energy product (BH) (Max.)
33~36 MG.Oe
Curie temperature (Tc)
310℃
Gap
Sense gap (Min.)
25mm
Physical characteristic
Temperature
-20℃~+60℃
Vibration
20 G(10~55 HZ)
Shock
30 G (11 msec)
Heat shock
-25℃~+65℃
(30Min.) (30Min.) 100 cycle
Package drop
Drop height 80 cm
Humidity
80℃ 95﹪ RH 72 hrs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com