Electronic Components Datasheet Search
  English  ▼

X  

ADM202EARU Datasheet(PDF) 13 Page - Analog Devices

Part # ADM202EARU
Description  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202EARU Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM202EARU Datasheet HTML 8Page - Analog Devices ADM202EARU Datasheet HTML 9Page - Analog Devices ADM202EARU Datasheet HTML 10Page - Analog Devices ADM202EARU Datasheet HTML 11Page - Analog Devices ADM202EARU Datasheet HTML 12Page - Analog Devices ADM202EARU Datasheet HTML 13Page - Analog Devices ADM202EARU Datasheet HTML 14Page - Analog Devices ADM202EARU Datasheet HTML 15Page - Analog Devices ADM202EARU Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 13 of 16
LOG FREQUENCY (MHz)
80
70
0
0.3
30
0.6
1
60
50
10
40
30
20
10
LIMIT
36
Figure 25. ADM202E Conducted Emissions
RADIATED EMISSIONS
Radiated emissions are measured at frequencies in excess of
30 MHz. RS-232 outputs are designed for operation at high
baud rates, while driving cables can radiate high frequency EM
energy. The previously described causes of conducted emissions
can also cause radiated emissions. Fast RS-232 output transitions
can radiate interference, especially when lightly loaded and
driving unshielded cables. Charge-pump devices are also prone
to radiating noise due to the high frequency oscillator and the
high voltages being switched by the charge pump. The move
toward smaller capacitors to conserve board space has resulted
in higher frequency oscillators in the charge-pump design,
causing higher levels of conducted and radiated emissions.
The RS-232 outputs on the ADM202E feature a controlled slew
rate to minimize the level of radiated emissions, yet they are fast
enough to support data rates of up to 230 kBaud.
Figure 27 shows radiated emissions vs. frequency. The levels of
emissions are well within specifications without the need for
additional shielding or filtering components. The ADM202E
was operated at maximum baud rates and configured like a
typical RS-232 interface. Testing for radiated emissions was
carried out in a shielded anechoic chamber.
TURNTABLE
DUT
RADIATED NOISE
ADJUSTABLE
ANTENNA
TO
RECEIVER
Figure 26. Radiated Emissions Test Setup
START 30.0MHz
STOP 200.0MHz
LIMIT
80
70
60
50
40
30
20
10
0
Figure 27. ADM202E Radiated Emissions vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com