Electronic Components Datasheet Search
  English  ▼

X  

ICSSSTUB32864A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICSSSTUB32864A
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32864A Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICSSSTUB32864A Datasheet HTML 1Page - Renesas Technology Corp ICSSSTUB32864A Datasheet HTML 2Page - Renesas Technology Corp ICSSSTUB32864A Datasheet HTML 3Page - Renesas Technology Corp ICSSSTUB32864A Datasheet HTML 4Page - Renesas Technology Corp ICSSSTUB32864A Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUB32864A Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUB32864A Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUB32864A Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUB32864A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ICSSSTUB32864A
Advance Information
1166—10/05/05
2
Ball Assignments
1:2 Register A (C0 = 0, C1 = 1)
Ball Assignments
1:2 Register B (C0 = 1, C1 = 1)
A DCKE
NC
VREF
VDD
QCKEA
QCKEB
B D2
NC
GND
GND
Q2A
Q2B
C D3
NC
VDD
VDD
Q3A
Q3B
D DODT
NC
GND
GND
QODTA
QODTB
E D5
NC
VDD
VDD
Q5A
Q5B
F D6
NC
GND
GND
Q6A
Q6B
G NC
RST#
VDD
VDD
C1
C0
H CK
DCS#
GND
GND
QCSA#
QCSB#
J CK#
CSR#
VDD
VDD
ZOH
ZOL
K D8
NC
GND
GND
Q8A
Q8B
L
D9
NC
VDD
VDD
Q9AQ9B
M D10
NC
GND
GND
Q10A
Q10B
N D11
NC
VDD
VDD
Q11A
Q11B
P D12
NC
GND
GND
Q12A
Q12B
R D13
NC
VDD
VDD
Q13A
Q13B
T D14
NC
VREF
VDD
Q14A
Q14B
123456
A
D1
NC
VREF
VDD
Q1A
Q1B
B
D2
NC
GND
GND
Q2A
Q2B
C D3
NC
VDD
VDD
Q3A
Q3B
D D4
NC
GND
GND
Q4A
Q4B
E D5
NC
VDD
VDD
Q5A
Q5B
F
D6
NC
GND
GND
Q6A
Q6B
G NC
RST#
VDD
VDD
C1
C0
H CK
DCS#
GND
GND
QCSA#
QCSB#
J
CK#
CSR#
VDD
VDD
ZOH
ZOL
K
D8
NC
GND
GND
Q8A
Q8B
L
D9
NC
VDD
VDD
Q9AQ9B
M D10
NC
GND
GND
Q10A
Q10B
N DODT
NC
VDD
VDD
QODTA
QODTB
P D12
NC
GND
GND
Q12A
Q12B
R D13
NC
VDD
VDD
Q13A
Q13B
T
DCKE
NC
VREF
VDD
QCKEA
QCKEB
123456
General Description
This 25-bit 1:1 or 14-bit 1:2 configurable registered buffer is designed for 1.7-V to 1.9-V VDD operation.
All clock and data inputs are compatible with the JEDEC standard for SSTL_18. The control inputs are LVCMOS. All
outputs are 1.8-V CMOS drivers that have been optimized to drive the DDR-II DIMM load. ICSSSTUB32864A operates
from a differential clock (CK and CK#). Data are registered at the crossing of CK going high, and CK# going low.
The C0 input controls the pinout configuration of the 1:2 pinout from A configuration (when low) to B configuration (when
high). The C1 input controls the pinout configuration from 25-bit 1:1 (when low) to 14-bit 1:2 (when high).
The device supports low-power standby operation. When the reset input (RST#) is low, the differential input receivers
are disabled, and undriven (floating) data, clock and reference voltage (VREF) inputs are allowed. In addition, when
RST# is low all registers are reset, and all outputs are forced low. The LVCMOS RST# and Cn inputs must always be
held at a valid logic high or low level. To ensure defined outputs from the register before a stable clock has been supplied,
RST# must be held in the low state during power up.
In the DDR-II RDIMM application, RST# is specified to be completely asynchronous with respect to CK and CK#.
Therefore, no timing relationship can be guaranteed between the two. When entering reset, the register will be cleared
and the outputs will be driven low quickly, relative to the time to disable the differential input receivers. However, when
coming out of reset, the register will become active quickly, relative to the time to enable the differential input receivers.
As long as the data inputs are low, and the clock is stable during the time from the low-to-high transition of RST# until
the input receivers are fully enabled, the design of the ICSSSTUB32864A must ensure that the outputs will remain
low, thus ensuring no glitches on the output.
The device monitors both DCS# and CSR# inputs and will gate the Qn outputs from changing states when both DCS#
and CSR# inputs are high. If either DCS# or CSR# input is low, the Qn outputs will function normally. The RST input
has priority over the DCS# and CSR# control and will force the outputs low. If the DCS#-control functionality is not
desired, then the CSR# input can be hardwired to ground, in which case, the setup-time requirement for DCS# would
be the same as for the other D data inputs. Package options include 96-ball LFBGA (MO-205CC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13