Electronic Components Datasheet Search
  English  ▼

X  

MAC15SN Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC15SN
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC15SN Datasheet(HTML) 5 Page - ON Semiconductor

  MAC15SN Datasheet HTML 1Page - ON Semiconductor MAC15SN Datasheet HTML 2Page - ON Semiconductor MAC15SN Datasheet HTML 3Page - ON Semiconductor MAC15SN Datasheet HTML 4Page - ON Semiconductor MAC15SN Datasheet HTML 5Page - ON Semiconductor MAC15SN Datasheet HTML 6Page - ON Semiconductor MAC15SN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MAC15SD, MAC15SM, MAC15SN
http://onsemi.com
5
−40
−25
−10
5
20
35
50
65
80
95
110
0
1
2
3
4
5
6
7
Q1
Q2
Q3
TJ, JUNCTION TEMPERATURE (°C)
−40
−25
−10
5
20
35
50
65
80
95
110
0.3
0.4
0.5
0.6
0.7
0.8
0.9
TJ, JUNCTION TEMPERATURE (°C)
Q1
Q2
Q3
Figure 7. Typical Gate Trigger Current
Versus Junction Temperature
Figure 8. Typical Gate Trigger Voltage
Versus Junction Temperature
100
200
300
400
500
600
700
800
900
1000
60
80
100
120
140
600V
800V
VPK = 400V
TJ = 110°C
RGK, GATE−MT1 RESISTANCE (OHMS)
400
450
500
550
600
650
700
750
800
50
60
70
80
90
100
110
120
°C
110
°C
TJ = 100°C
RG − MT1 = 510W
VPK, Peak Voltage (Volts)
100
105
110
115
120
125
40
50
60
70
80
90
100
110
800V
600V
VPK = 400V
RG − MT1 = 510W
TJ, Junction Temperature (°C)
400
450
500
550
600
650
700
750
800
20
40
60
80
100
120
140
160
180
120
°C
110
°C
TJ = 100°C
RG − MT1 = 510W
VPK, Peak Voltage (Volts)
Figure 9. Typical Exponential Static dv/dt
Versus Gate−MT1 Resistance, MT2(+)
Figure 10. Typical Exponential Static dv/dt
Versus Peak Voltage, MT2(+)
Figure 11. Typical Exponential Static dv/dt
Versus Junction Temperature, MT2(+)
Figure 12. Typical Exponential Static dv/dt
Versus Peak Voltage, MT2(
*)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com