Electronic Components Datasheet Search
  English  ▼

X  

BR103LLD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BR103LLD
Description  Silicon Bi-directional Trigger Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BR103LLD Datasheet(HTML) 2 Page - NXP Semiconductors

  BR103LLD Datasheet HTML 1Page - NXP Semiconductors BR103LLD Datasheet HTML 2Page - NXP Semiconductors BR103LLD Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Philips Semiconductors
Product Specification
Silicon Bi-directional Trigger Device
BR100/03 LLD
Fig.1. Current-voltage characteristics
Fig.2. Test circuit for output voltage and risetime.
MECHANICAL DATA
Dimensions in mm
Fig.3. SOD80
I
V
V(BO)I
I(BO)I
I(BO)III
V(BO)III
230 V, RMS, 50Hz
100nF
10k
D.U.T.
500k
50R
VBO
IT
Adjust for Ip=0.5A
Vo
when measuring risetime
10R
Set load resistance
measuring output voltage
to 20 Ohms when
0.3 min
0 1.5 max
1.3
0 1.5
3.3
3.7
February 1996
2
Rev 1.000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com