Electronic Components Datasheet Search
  English  ▼

X  

MAC15SM Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC15SM
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC15SM Datasheet(HTML) 4 Page - ON Semiconductor

  MAC15SM Datasheet HTML 1Page - ON Semiconductor MAC15SM Datasheet HTML 2Page - ON Semiconductor MAC15SM Datasheet HTML 3Page - ON Semiconductor MAC15SM Datasheet HTML 4Page - ON Semiconductor MAC15SM Datasheet HTML 5Page - ON Semiconductor MAC15SM Datasheet HTML 6Page - ON Semiconductor MAC15SM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAC15SD, MAC15SM, MAC15SN
http://onsemi.com
4
0
2
4
6
8
10
12
14
16
60
70
80
90
100
110
Figure 1. RMS Current Derating
IT(RMS), RMS ON−STATE CURRENT (AMPS)
120
°
180
°
DC
a = 30 and 60°
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
Figure 2. Maximum On−State Power Dissipation
IT(RMS), RMS ON−STATE CURRENT (AMPS)
DC
180
°
120
°
90
°
60
°
a = 30°
a
a
a = CONDUCTION ANGLE
a
a
a = CONDUCTION ANGLE
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.1
1
10
100
Typical @ TJ = 25 °C
VT, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
Figure 3. On−State Characteristics
Maximum @
TJ = 110°C
Maximum @
TJ = 25 °C
−40
−25
−10
5
20
35
50
65
80
95
110
1
2
3
4
5
6
7
TJ, JUNCTION TEMPERATURE (°C)
MT2 NEGATIVE
MT2 POSITIVE
−40
−25
−10
5
20
35
50
65
80
95
110
2
3
4
5
6
7
8
9
Q1
Q3
TJ, JUNCTION TEMPERATURE (°C)
0.1
1
10
100
1000
0.01
0.1
1
t, TIME (ms)
ZqJC(t) = RqJC(t)  r(t)
1
@104
Figure 4. Transient Thermal Response
Figure 5. Typical Holding Current Versus
Junction Temperature
Figure 6. Typical Latching Current Versus
Junction Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com