Electronic Components Datasheet Search
  English  ▼

X  

CYT2CL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CYT2CL
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT2CL Datasheet(HTML) 1 Page - Infineon Technologies AG

  CYT2CL Datasheet HTML 1Page - Infineon Technologies AG CYT2CL Datasheet HTML 2Page - Infineon Technologies AG CYT2CL Datasheet HTML 3Page - Infineon Technologies AG CYT2CL Datasheet HTML 4Page - Infineon Technologies AG CYT2CL Datasheet HTML 5Page - Infineon Technologies AG CYT2CL Datasheet HTML 6Page - Infineon Technologies AG CYT2CL Datasheet HTML 7Page - Infineon Technologies AG CYT2CL Datasheet HTML 8Page - Infineon Technologies AG CYT2CL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 174 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
002-32508 Rev. *F
www.infineon.com
page 1
2022-10-20
CYT2CL
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M4F single
General description
CYT2CL is a family of TRAVEO™ T2G microcontrollers targeted at automotive systems such as cluster entry units.
CYT2CL has an Arm® Cortex®-M4 CPU for primary processing, and an Arm® Cortex®-M0+ CPU for peripheral and
security processing. These devices contain embedded peripherals supporting controller area network with
flexible data rate (CAN FD), local interconnect network (LIN), clock extension peripheral interface (CXPI), LCD
controller. TRAVEO™ T2G devices are manufactured on an advanced 40-nm process. CYT2CL incorporates
Infineon' low-power flash memory, multiple high-performance analog and digital peripherals, and enables the
creation of a secure computing platform.
Features
• Dual CPU subsystem
- 160-MHz (max) 32-bit Arm® Cortex®-M4F CPU with
• Single-cycle multiply
• Single-precision floating point unit (FPU)
• Memory protection unit (MPU)
- 100-MHz (max) 32-bit Arm® Cortex®-M0+ CPU with
• Single-cycle multiply
• Memory protection unit
- Inter-processor communication in hardware
- Three DMA controllers
• Peripheral DMA controller #0 (P-DMA0) with 76 channels
• Peripheral DMA controller #1 (P-DMA1) with 84 channels
• Memory DMA controller #0 (M-DMA0) with 4 channels
• Integrated memories
- Up to 4160 KB of code-flash with an additional 128 KB of work-flash
• Read-While-Write (RWW) allows updating the code-flash/work-flash while executing code from it
• Single- and dual-bank modes (specifically for Firmware update Over The Air [FOTA])
• Flash programming through SWD/JTAG interface
- Up to 512 KB of SRAM with selectable retention granularity
• Crypto engine[1]
- Supports Enhanced Secure Hardware Extension (eSHE) and Hardware Security Module (HSM)
- Secure boot and authentication
• Using digital signature verification
• Using fast secure boot
- AES: 128-bit blocks, 128-/192-/256-bit keys
- 3DES: 64-bit blocks, 64-bit key
- Vector unit supporting asymmetric key cryptography such as Rivest-Shamir-Adleman (RSA) and Elliptic Curve
(ECC)
- SHA-1/2/3: SHA-512, SHA-256, SHA-160 with variable length input data
- CRC: supports CCITT CRC16 and IEEE-802.3 CRC32
- True random number generator (TRNG) and pseudo random number generator (PRNG)
-Galois/Counter Mode (GCM)
Note
1. Crypto engine features are available on select MPNs.


Similar Part No. - CYT2CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT2506 ETC-CYT2506 Datasheet
1Mb / 2P
White LED Step-Up Converter
CYT2606E20E ETC2-CYT2606E20E Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
CYT2606E20F ETC2-CYT2606E20F Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
CYT2606E20T ETC2-CYT2606E20T Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
CYT2606E21E ETC2-CYT2606E21E Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
More results

Similar Description - CYT2CL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Infineon Technologies A...
CYT4BF INFINEON-CYT4BF Datasheet
2Mb / 217P
TRAVEO??T2G 32-bit Automotive MCU
Rev. *J 2022-02-18
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com