Electronic Components Datasheet Search
  English  ▼

X  

MAC97A8 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC97A8
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC97A8 Datasheet(HTML) 2 Page - ON Semiconductor

  MAC97A8 Datasheet HTML 1Page - ON Semiconductor MAC97A8 Datasheet HTML 2Page - ON Semiconductor MAC97A8 Datasheet HTML 3Page - ON Semiconductor MAC97A8 Datasheet HTML 4Page - ON Semiconductor MAC97A8 Datasheet HTML 5Page - ON Semiconductor MAC97A8 Datasheet HTML 6Page - ON Semiconductor MAC97A8 Datasheet HTML 7Page - ON Semiconductor MAC97A8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAC97 Series
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
75
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Maximum Lead Temperature for Soldering Purposes for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = +110°C
IDRM, IRRM
−
−
−
−
10
100
mA
mA
ON CHARACTERISTICS
Peak On−State Voltage
(ITM = ".85 A Peak; Pulse Width v 2.0 ms, Duty Cycle v 2.0%)
VTM
−
−
1.9
V
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
MT2(−), G(+)
IGT
−
−
−
−
−
−
−
−
5.0
5.0
5.0
7.0
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 Vdc, RL = 100 W)
MT2(+), G(+) All Types
MT2(+), G(−) All Types
MT2(−), G(−) All Types
MT2(−), G(+) All Types
VGT
−
−
−
−
.66
.77
.84
.88
2.0
2.0
2.0
2.5
V
Gate Non−Trigger Voltage
(VD = 12 V, RL = 100 W, TJ = 110°C)
All Four Quadrants
VGD
0.1
−
−
V
Holding Current
(VD = 12 Vdc, Initiating Current = 200 mA, Gate Open)
IH
−
1.5
10
mA
Turn-On Time
(VD = Rated VDRM, ITM = 1.0 A pk, IG = 25 mA)
tgt
−
2.0
−
ms
DYNAMIC CHARACTERISTICS
Critical Rate−of−Rise of Commutation Voltage
(VD = Rated VDRM, ITM = .84 A,
Commutating di/dt = .3 A/ms, Gate Unenergized, TC = 50°C)
dV/dt(c)
−
5.0
−
V/
ms
Critical Rate of Rise of Off−State Voltage
(VD = Rated VDRM, TC = 110°C, Gate Open, Exponential Waveform
dv/dt
−
25
−
V/
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com