Electronic Components Datasheet Search
  English  ▼

X  

307-PC Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 307-PC
Description  Tab/screw connector blocks Star-shaped tab arrangement
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

307-PC Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  307-PC Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC. 307-PC Datasheet HTML 2Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
307-PC/-PCM
Tab/screw connector blocks
Star-shaped tab arrangement
02.19
WECO | www.wecogroup.com
''no flame'' after glow-wire test according to
Household Appliance DIN EN/IEC 60335-1
L = (number of poles x pitch) + 19,3
A = (number of poles + 1) x pitch
Types of connection shown with package 3.077
A combination of straight and angular tabs and straight screw connections, these
connector blocks are particularly suitable for the mains connection of electrical
equipment. They are available in various sizes, pole numbers and types for
individual applications. Depending on the application requirements, they are
available in different number of poles and variants.
The tabs are suitable for receptacles to DIN 46247 and assembled in packets
containing multiple ports (maximum of 6 ports per pole) with a metal rivet which
results in low contact resistance.
Due to the variable and extensive assembly combinations of the poles, a high
packing density is achieved.
At the end of the connectors a fixing hole is provided. Flexible conductors may only
be used with core cable ends and cable lugs.
At a mixed assembly, we ask for a sketch according to order illustration (please
see next page), especially for the orientation of asymmetric packets.
Due to the variety of designs, a total list of part numbers is not possible.
Note concerning the variants:
..-PC: single level
..-PCM: multi level
General Information
Pitch
11 mm
No. of poles
2 - 21
Technical Data
Clamping Range
solid / flexible / AWG
0,75-4 mm² / 0,75-2,5 mm² / 18-12 AWG [1]
0,5-1,5 mm² / 0,5-1,5 mm² / 20-16 AWG [2]
Rated Cross Section
4 mm² [1] / 1,5 mm² [2]
Wire Stripping Length
8 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
200 V
320 V
500 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Insulation Voltage
250 V acc. to EN 60998-1 [3]
Rated Current
7,5 A with receptacle 2,8; wire 1 mm² (16 AWG)
15 A with receptacle 4,8; wire 2,5 mm² (14 AWG)
20 A with receptacle 6,3; wire 6 mm² (10 AWG)
Torque
1,2 Nm
Other specifications
Screw terminals are generally suitable for wires
with identical wire type / cross-section.
Material
Moulding
PC, black, V-0
Comparative Tracking Index
CTI 225
Temperature Range
-40°C up to 125°C
Tab
Nickel plated brass
Screw
M4; zinc plated steel, blue passivated
Tubular rivet
Tin plated copper
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
25
15
6
300
300
300
B
B
B
max. 10
max. 14
max. 16
[4][7][8]
[5][7][8]
[6][7][8]
25
15
300
300
B
B
max. 10
max. 10
[4]
[5]
Current [A]
Voltage [V]
[mm²]
[9]
Options / Accessories
• Marking strips BST-307
• Jumpers 307-V, 307-VS
• Moulding made of polyamid
[1] Screw connection
[2] SAK version
[3] for use with insulation receptacles 450 V
[4] for use with insulation receptacles 6,3
[5] for use with insulation receptacles 4,8
[6] for use with insulation receptacles 2,8
[7] for factory wiring only
[8] Group C: 150 V
[9] except XBS version


Similar Part No. - 307-PC

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
307-PCF WECO-307-PCF Datasheet
152Kb / 1P
Multi-point screw connector with grooved flat terminals
02.19
More results

Similar Description - 307-PC

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
322-A-2.8 WECO-322-A-2.8 Datasheet
107Kb / 1P
Tab/screw connector with tab A 2,8
05.18
433-LA WECO-433-LA Datasheet
75Kb / 1P
Tab/screw connector block Tab 6,3 mm, with marking "R S N"
05.18
433-LB WECO-433-LB Datasheet
75Kb / 1P
Tab/screw connector block Tab 6,3 mm, with marking "L N [Earth]"
05.18
900-SUC-5 WECO-900-SUC-5 Datasheet
96Kb / 1P
Tab connector Tab 4,8 mm
07.19
900-SUN-10 WECO-900-SUN-10 Datasheet
85Kb / 1P
Tab connector Tab 6,3 mm
07.19
982-F WECO-982-F Datasheet
1Mb / 2P
Tab/screw connector blocks with tabs 4,8 or screw connection
04.19
983-F WECO-983-F Datasheet
1Mb / 2P
Tab/screw connector blocks with tabs 4,8 or screw connection
03.19
983-FD WECO-983-FD Datasheet
222Kb / 1P
Tab connector Tab/screw connection, 2 solder pins per pole
07.19
983-FS WECO-983-FS Datasheet
93Kb / 1P
Tab connector Tab/screw connection, 1 solder pin per pole
03.19
983-MF-2.8 WECO-983-MF-2.8 Datasheet
120Kb / 1P
Tab/screw connector blocks with tabs
03.19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com