Electronic Components Datasheet Search
  English  ▼

X  

307-PCF Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 307-PCF
Description  Multi-point screw connector with grooved flat terminals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

307-PCF Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  307-PCF Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
307-PCF
Multi-point screw connector
with grooved flat terminals
02.19
WECO | www.wecogroup.com
11
L
The multi-point screw connector 307-PCF in 11 mm pitch is available in 2- to
21-pole design.
They are equipped with grooved flat terminals and are particularly suitable for the
mains connection of electrical equipment. They are available in various sizes, pole
numbers and types to suit individual applications.
The grooves serve as wire guide and prevent lateral wire offset when fastening the
screw connection.
Each one mounting hole is provided on the end of the connector block.
The connector block features a polycarbonate housing with riveted flat tabs
according to DIN 41000/12.66
Part Numbers
No. of
poles
307-PCF
Length
A *
PU
2
50.880.602
41,3
33,00
112
3
50.880.603
52,3
44,00
84
4
50.880.604
63,3
55,00
64
5
50.880.605
74,3
66,00
56
6
50.880.606
85,3
77,00
48
7
50.880.607
96,3
88,00
40
8
50.880.608
107,3
99,00
36
9
50.880.609
118,3
110,00
32
10
50.880.610
129,3
121,00
32
11
50.880.611
140,3
132,00
28
12
50.880.612
151,3
143,00
20
13
50.880.613
162,3
154,00
24
14
50.880.614
173,3
165,00
42
15
50.880.615
184,3
176,00
42
16
50.880.616
195,3
187,00
21
17
50.880.617
206,3
198,00
21
18
50.880.618
217,3
209,00
63
19
50.880.619
228,3
220,00
16
20
50.880.620
239,3
231,00
70
21
50.880.621
250,3
242,00
16
* = Distance of the two outermost mounting holes
General Information
Pitch
11 mm
No. of poles
2 - 21
Usable with
Cover 3070-B; securing pins BEF-3070
Technical Data
Clamping Range
solid / flexible / AWG
0,5 - 4 mm² / 0,5 - 4 mm² / 20 - 14 AWG [1] [2] [3]
Rated Cross Section
4 mm²
Wire Stripping Length
12,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
400 V
630 V
630 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
750 V acc. to EN 60998-1
Rated Current
32 A
Torque
1,2 Nm
Other specifications
Screw terminals are generally suitable for wires
with identical wire type / cross-section.
Material
Moulding
PC, black, V-0
Comparative Tracking Index
CTI 250
Insulating Group
IIIa
Temperature Range
-40°C up to 125°C
Screw terminal
Nickel plated brass
Screw
M4; zinc plated steel, blue passivated
Tubular rivet
Tin plated copper
Washer
Zinc plated steel, blue passivated
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
20
20
300
150
B
C
max. 14
max. 14
1,2
1,2
20
20
300
150
B
C
18 - 14
18 - 14
1,2
1,2
Options / Accessories
• Consecutive numbering
• Special marking according to drawing
• Marking strips BST-307
• Jumper 307-VS and 307-V
• Cover 3070-B
• Securing pin BEF-3070
• Moulding made of polyamid
[1] with cabel lug 6 mm²
[2] Ferrules are required when using flexible or fine-wire conductors.
[3] for 4 mm² flexible wires, only one conductor per clamping unit is possible


Similar Part No. - 307-PCF

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
307-PC WECO-307-PC Datasheet
1Mb / 2P
Tab/screw connector blocks Star-shaped tab arrangement
02.19
More results

Similar Description - 307-PCF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
Capacitors with screw terminals
logo
WECO ELECTRICAL CONNECT...
338 WECO-338 Datasheet
163Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 1-pole
11.20
339-K WECO-339-K Datasheet
206Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 2-pole
01.20
340 WECO-340 Datasheet
105Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 3-pole
01.20
342 WECO-342 Datasheet
127Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 6-pole
01.20
359 WECO-359 Datasheet
168Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
360-K WECO-360-K Datasheet
494Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 2-pole
01.20
361 WECO-361 Datasheet
159Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
362 WECO-362 Datasheet
136Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 4-pole
01.20
363 WECO-363 Datasheet
122Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 6-pole
01.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com