Electronic Components Datasheet Search
  English  ▼

X  

BRS212 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BRS212
Description  Breakover diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRS212 Datasheet(HTML) 2 Page - NXP Semiconductors

  BRS212 Datasheet HTML 1Page - NXP Semiconductors BRS212 Datasheet HTML 2Page - NXP Semiconductors BRS212 Datasheet HTML 3Page - NXP Semiconductors BRS212 Datasheet HTML 4Page - NXP Semiconductors BRS212 Datasheet HTML 5Page - NXP Semiconductors BRS212 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Breakover diodes
BRS212 series
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-sp
Thermal resistance junction to
-
-
25
K/W
solder point
R
th j-a
Thermal resistance junction to
pcb mounted; minimum footprint
-
100
-
K/W
ambient
Z
th j-a
Thermal impedance junction to
t
p = 1 ms
-
2.6
-
K/W
ambient
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
TYPE
PARAMETER
Marking
Avalanche
Breakover
Off-state current
Critical rate of
voltage
voltage
rise of off-state
voltage
Conditions
I
BR = 10 mA
I
D ≤ IS
T
j = 70˚C;
T
j = 70˚C
t
p = 100 µs
RH
≤ 65%
Symbol
V
BR
V
BO
I
D @ VD
dV
D/dt @ VDM
Limits
min
typ
typ
max
max
max
Units
VVVV
µAV
V/
µsV
BRS212-140
212-140
123
140
140
157
10
105
2000
105
BRS212-160
212-160
140
160
160
180
10
120
2000
120
BRS212-180
212-180
158
180
180
202
10
135
2000
135
BRS212-200
212-200
176
200
200
224
10
150
2000
150
BRS212-220
212-220
193
220
220
247
10
165
2000
165
BRS212-240
212-240
211
240
240
269
10
180
2000
180
BRS212-260
212-260
228
260
260
292
10
195
2000
195
BRS212-280
212-280
246
280
280
314
10
210
2000
210
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
T
On-state voltage
I
TM = 2 A; tp = 200 µs
-
-
2.5
V
I
H
Holding current
1
T
j = 25˚C
150
-
-
mA
T
j = 70˚C
100
-
-
mA
I
S
Switching current
2
t
p = 100 µs
10
200
1000
mA
S
(BR)
Temperature coefficient of
-
+0.1
-
%/K
avalanche voltage
C
j
Junction capacitance
V
D = 0 V, f = 1 kHz to 1 MHz
-
-
100
pF
1 The minimum current at which the diode will remain in the on-state
2 The avalanche current required to switch the diode to the on-state.
January 1997
2
Rev 1.000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com