Electronic Components Datasheet Search
  English  ▼

X  

323 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 323
Description  Socket terminal strip Screw connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

323 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  323 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
323(-HDS)
Socket terminal strip
Screw connection
05.18
WECO | www.wecogroup.com
''no flame'' after glow-wire test according to
Household Appliance DIN EN/IEC 60335-1
The socket terminal strip 323 is available in 10 mm pitch with 1- to 12-pole design
and can be easily stripped to the desired number of poles.
The flexible polyamide moulding can even be mounted on curved surfaces.
The wire protector of the “HDS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
Part Numbers
No. of
poles
323
323-HDS
Length
PU
1
11.822.010
31.822.008
8,00
2500
2
12.822.010
32.822.008
18,00
1000
3
13.822.010
33.822.008
28,00
1000
4
14.822.010
34.822.008
38,00
800
5
15.822.010
35.822.008
48,00
500
6
16.822.010
36.822.008
58,00
100
7
17.822.010
37.822.008
68,00
70
8
18.822.010
38.822.008
78,00
70
9
19.822.010
39.822.008
88,00
60
10
20.822.010
40.822.008
98,00
50
11
21.822.010
41.822.008
108,00
50
12
22.822.010
42.822.008
117,00
50
Part Numbers: "no flame" acc. to glow-wire test
No. of
poles
323
323-HDS
Length
PU
1
11.822.038.EN6
31.822.038.EN6
8,00
2500
2
12.822.038.EN6
32.822.038.EN6
18,00
1000
3
13.822.038.EN6
33.822.038.EN6
28,00
1000
4
14.822.038.EN6
34.822.038.EN6
38,00
800
5
15.822.038.EN6
35.822.038.EN6
48,00
500
6
16.822.038.EN6
36.822.038.EN6
58,00
100
7
17.822.038.EN6
37.822.038.EN6
68,00
70
8
18.822.038.EN6
38.822.038.EN6
78,00
70
9
19.822.038.EN6
39.822.038.EN6
88,00
60
10
20.822.038.EN6
40.822.038.EN6
98,00
50
11
21.822.038.EN6
41.822.038.EN6
108,00
50
12
22.822.038.EN6
42.822.038.EN6
117,00
50
General Information
Pitch
10 mm
No. of poles
1 - 12
Areas of application
For lighting applications and similar electrical
equipment.
Technical Data
Clamping Range
solid / flexible / AWG
without wire protector
0,75 - 6 mm² / 0,75 - 4 mm² / 18 - 10 AWG
with wire protector
0,5 - 4 mm² / 0,5 - 2,5 mm² / 20 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
6,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
400 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
24 A
Torque
0,5 Nm
Material
Moulding
PA, natural, V-2 (PA, white, V-0)
Details in brackets for "no flame" products
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal Body
Nickel plated brass
Screw
M3; zinc plated steel, blue passivated
Wire protector
Stainless steel strip
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
30
10
300
300
B
D
22 - 10
22 - 10
0,51
0,51
25
10
300
300
B
D,E
26 - 10
26 - 10
0,51
0,51
Current [A]
Voltage [V]
[mm²]
24
450
2,5
Options / Accessories
• Marking options on and between the screw guides
• Marking strips BST-323
• Jumper 323-J
• Crosshead screws
• Cover caps A-323 und base plate B-323 for additional contact protection
• Integrated wire stop (323-V(-HDS))


Similar Part No. - 323

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
323 FLUKE-323 Datasheet
1Mb / 2P
320 Series True-rms Clamp Meters
logo
Advanced Energy Industr...
323 ADVANCEDENERGY-323 Datasheet
254Kb / 4P
TREK 323
02 4.21
logo
Marathon Special Produc...
323 MARATHON-323 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
English Chain Co. Ltd
323 16 ENGLISHCHAIN-323 16 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
323 18 ENGLISHCHAIN-323 18 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Similar Description - 323

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
321-B WECO-321-B Datasheet
108Kb / 1P
Plug-in terminal strip Screw connection & socket
03.19
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327-FU WECO-327-FU Datasheet
111Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com