Electronic Components Datasheet Search
  English  ▼

X  

FKBA6115 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA6115
Description  P-Ch 60V Fast Switching MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA6115 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA6115 Datasheet HTML 1Page - FETek Technology Corp. FKBA6115 Datasheet HTML 2Page - FETek Technology Corp. FKBA6115 Datasheet HTML 3Page - FETek Technology Corp. FKBA6115 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA6115
P-Ch 60V Fast Switching MOSFETs
1
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, -VGS @ -10V1
-35
A
ID@TC=100
℃
Continuous Drain Current, -VGS @ -10V1
-27
A
IDM
Pulsed Drain Current2
-70
A
EAS
Single Pulse Avalanche Energy3
113
mJ
IAS
Avalanche Current
47.6
A
PD@TC=25
℃
Total Power Dissipation4
52.1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
62
℃/W
RθJC
Thermal Resistance Junction-Case1
---
2.4
℃/W
BVDSS
RDSON
ID
-60V
25m
Ω
-35A
The FKBA6115 is the high cell density trenched
P-ch
MOSFETs,
which
provide
excellent
RDSON and gate charge for most of the
synchronous buck converter applications.
The FKBA6115 meet the RoHS and Green
Product requirement, 100% EAS guaranteed
with full function reliability approved.
Super Low Gate Charge
100% EAS Guaranteed
Green Device Available
Excellent CdV/dt effect decline
Advanced high cell density Trench
technology
Description
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary


Similar Part No. - FKBA6115

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA6006 FETEK-FKBA6006 Datasheet
487Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6016 FETEK-FKBA6016 Datasheet
384Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6024A FETEK-FKBA6024A Datasheet
663Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6032 FETEK-FKBA6032 Datasheet
728Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6040 FETEK-FKBA6040 Datasheet
698Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKBA6115

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6007 XINDEYI-UD6007 Datasheet
741Kb / 4P
P-Ch 60V Fast Switching MOSFETs
UM6015 XINDEYI-UM6015 Datasheet
790Kb / 4P
P-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6003 UNITPOWER-UD6003 Datasheet
882Kb / 4P
P-Ch 60V Fast Switching MOSFETs
UD6007 UNITPOWER-UD6007 Datasheet
741Kb / 4P
P-Ch 60V Fast Switching MOSFETs
UD6015 UNITPOWER-UD6015 Datasheet
725Kb / 4P
P-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6007K UPI-QM6007K Datasheet
237Kb / 4P
P-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBB6115 FETEK-FKBB6115 Datasheet
367Kb / 4P
P-Ch 60V Fast Switching MOSFETs
Ver : A
FKD6115 FETEK-FKD6115 Datasheet
498Kb / 4P
P-Ch 60V Fast Switching MOSFETs
Ver : A
FKN6107 FETEK-FKN6107 Datasheet
475Kb / 4P
P-Ch 60V Fast Switching MOSFETs
Ver : A
FKS6105 FETEK-FKS6105 Datasheet
407Kb / 4P
P-ch 60V Fast Switching MOSFET
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com