Electronic Components Datasheet Search
  English  ▼

X  

FKBA6214 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA6214
Description  Dual N-Ch 60V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA6214 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA6214 Datasheet HTML 1Page - FETek Technology Corp. FKBA6214 Datasheet HTML 2Page - FETek Technology Corp. FKBA6214 Datasheet HTML 3Page - FETek Technology Corp. FKBA6214 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA6214
Dual N-Ch 60V Fast Switching MOSFETs
1
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
17
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
10.9
A
ID@TA=25
℃
Continuous Drain Current, VGS @ 10V1
4.9
A
ID@TA=70
℃
Continuous Drain Current, VGS @ 10V1
2.3
A
IDM
Pulsed Drain Current2
40
A
EAS
Single Pulse Avalanche Energy3
22
mJ
IAS
Avalanche Current
21
A
PD@TC=25
℃
Total Power Dissipation4
31.3
W
PD@TA=25
℃
Total Power Dissipation4
2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient 1
---
62
℃/W
RθJC
Thermal Resistance Junction-Case1
---
5
℃/W
BVDSS
RDSON
ID
60V
42m
Ω
17A
The FKBA6214 is the high cell density trenched
N-ch MOSFETs, which provide excellent RDSON
and gate charge for most of the synchronous buck
converter applications.
The FKBA6214 meet the RoHS and Green
Product requirement, 100% EAS guaranteed with
full function reliability approved.
 100% EAS Guaranteed
 Green Device Available
 Super Low Gate Charge
 Excellent CdV/dt effect decline
 Advanced high cell density Trench
technology
Description
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary


Similar Part No. - FKBA6214

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA6006 FETEK-FKBA6006 Datasheet
487Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6016 FETEK-FKBA6016 Datasheet
384Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6024A FETEK-FKBA6024A Datasheet
663Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6032 FETEK-FKBA6032 Datasheet
728Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6040 FETEK-FKBA6040 Datasheet
698Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKBA6214

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM6204 UNITPOWER-UM6204 Datasheet
824Kb / 4P
Dual N-Ch 60V Fast Switching MOSFETs
UM6214 UNITPOWER-UM6214 Datasheet
744Kb / 4P
Dual N-Ch 60V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKQ6208 PACELEADER-PKQ6208 Datasheet
1Mb / 5P
Dual N-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBB6214 FETEK-FKBB6214 Datasheet
379Kb / 4P
Dual N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBB6254 FETEK-FKBB6254 Datasheet
501Kb / 4P
Dual N-Ch 60V Fast Switching MOSFETs
Ver : A
FKQ6208 FETEK-FKQ6208 Datasheet
383Kb / 4P
Dual N-Ch 60V Fast Switching MOSFETs
Ver : B
FKS6204 FETEK-FKS6204 Datasheet
554Kb / 4P
Dual N-Ch 60V Fast Switching MOSFETs
Ver : A
FKS6208 FETEK-FKS6208 Datasheet
555Kb / 4P
Dual N-Ch 60V Fast Switching MOSFETs
Ver : A
FKS6214 FETEK-FKS6214 Datasheet
393Kb / 4P
Dual N-Ch 60V Fast Switching MOSFETs
Ver : B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com