Electronic Components Datasheet Search
  English  ▼

X  

ADM3232E Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3232E
Description  -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3232E Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3232E Datasheet HTML 4Page - Analog Devices ADM3232E Datasheet HTML 5Page - Analog Devices ADM3232E Datasheet HTML 6Page - Analog Devices ADM3232E Datasheet HTML 7Page - Analog Devices ADM3232E Datasheet HTML 8Page - Analog Devices ADM3232E Datasheet HTML 9Page - Analog Devices ADM3232E Datasheet HTML 10Page - Analog Devices ADM3232E Datasheet HTML 11Page - Analog Devices ADM3232E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM3232E
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
The ADM3232E is a single-channel RS-232 line driver/receiver.
Step-up voltage converters, coupled with level-shifting transmitters
and receivers, allow RS-232 levels to be developed while operating
from a single 3.3 V supply.
CMOS technology is used to keep the power dissipation to an
absolute minimum, allowing maximum battery life in portable
applications.
CIRCUIT DESCRIPTION
The internal circuitry consists of the following main sections:
•
A charge pump voltage converter
•
A 3.3 V logic to RS-232 transmitter
•
An RS-232 to 3.3 V logic receiver
Charge Pump DC-DC Voltage Converter
The charge pump voltage converter consists of a 200 kHz
oscillator and a switching matrix. The converter generates a
±6.6 V supply from the input 3.3 V level. This is done in two
stages by using a switched capacitor technique as shown in
Figure 10. First, the 3.3 V input supply is doubled to 6.6 V by
using Capacitor C1 as the charge storage element. The +6.6 V
level is then inverted to generate −6.6 V, using C2 as the storage
element. C3 is shown connected between V+ and VCC, but it is
equally effective if connected between V+ and GND.
Capacitor C3 and Capacitor C4 are used to reduce the output
ripple. Their values are not critical and can be increased, if desired.
Capacitor C3 is shown connected between V+ and VCC. It is also
acceptable to connect this capacitor between V+ and GND.
If desired, larger capacitors (up to 10 μF) can be used for
Capacitor C1 to Capacitor C4.
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
R2IN
TTL/CMOS
INPUTS
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
RS-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND
ADM3232E
C3
0.1µF
6.3V
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
C4
0.1µF
10V
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT.
5kΩ
5kΩ
Figure 10. Typical Operating Circuit
C1
+
C3
+
S3
S4
S1
S2
INTERNAL
OSCILLATOR
VCC
GND
VCC
V+ = 2VCC
Figure 11. Charge Pump Voltage Doubler
C2
+
C4
+
S3
S4
S1
S2
INTERNAL
OSCILLATOR
V+
GND
V– = –(V+)
GND
FROM
VOLTAGE
DOUBLER
Figure 12. Charge Pump Voltage Inverter
Transmitter (Driver) Section
The drivers convert 3.3 V logic input levels into RS-232 output
levels. With VCC = 3.3 V and driving an RS-232 load, the output
voltage swing is typically ±6 V.
Receiver Section
The receivers are inverting level-shifters that accept RS-232 input
levels and translate them into 3 V logic output levels. The inputs
have internal 5 kΩ pull-down resistors to ground and are also
protected against overvoltages up to ±30 V. Unconnected inputs
are pulled to 0 V by the internal 5 kΩ pull-down resistor. This
results in a Logic 1 output level for unconnected inputs or for
inputs connected to GND.
The receivers have Schmitt trigger inputs with a hysteresis level
of 0.4 V. This ensures error-free reception for both noisy inputs
and for inputs with slow transition times.
ESD Protection on RS-232 and TTL/CMOS I/O Pins
All RS-232 (T_OUT and R_IN) and TTL/CMOS (T_IN and R_OUT)
inputs and outputs are protected against electrostatic discharges
(up to ±15 kV). This ensures compliance with IEC 1000-4-2
requirements.
HIGH BAUD RATE
The ADM3232E features high slew rates, permitting data trans-
mission at rates well in excess of the EIA-232E specifications.
RS-232 voltage levels are maintained at data rates up to 460 kbps,
even under worst-case loading conditions. This allows high
speed data links between two terminals and is suitable for the
new generation ISDN modem standards that require data rates
of 230 kbps. The slew rate is internally controlled to less than
30 V/μs to minimize EMI interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com