Electronic Components Datasheet Search
  English  ▼

X  

FKBA6903 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA6903
Description  N-Ch and P-Ch Fast Switching MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA6903 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA6903 Datasheet HTML 1Page - FETek Technology Corp. FKBA6903 Datasheet HTML 2Page - FETek Technology Corp. FKBA6903 Datasheet HTML 3Page - FETek Technology Corp. FKBA6903 Datasheet HTML 4Page - FETek Technology Corp. FKBA6903 Datasheet HTML 5Page - FETek Technology Corp. FKBA6903 Datasheet HTML 6Page - FETek Technology Corp. FKBA6903 Datasheet HTML 7Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : C
FKBA6903
N-Ch and P-Ch Fast Switching MOSFETs
1
Symbol
Parameter
Rating
Units
N-Ch
P-Ch
VDS
Drain-Source Voltage
60
-60
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
20
-12
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
14
-8.5
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
4.9
-3.4
A
ID@TA=100℃
Continuous Drain Current, VGS @ 10V1
3.1
-2.1
A
IDM
Pulsed Drain Current2
60
-30
A
EAS
Single Pulse Avalanche Energy3
22
29.8
mJ
IAS
Avalanche Current
21
-24.4
A
PD@TC=25℃
Total Power Dissipation4
41.6
41.6
W
PD@TA=25℃
Total Power Dissipation4
2
2
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
62
℃/W
RθJC
Thermal Resistance Junction-Case1
---
3
℃/W
BVDSS
RDSON
ID
60V
45
mΩ
20A
-60V
100
mΩ
-12A
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary
Features
 Advanced Trench MOS Technology
 100% EAS Guaranteed
 Reliable and Rugged
 Green Device Available
Applications
 Power Management.
 DC Motor Control.


Similar Part No. - FKBA6903

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA6901 FETEK-FKBA6901 Datasheet
474Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : B
More results

Similar Description - FKBA6903

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3301 UNITPOWER-UM3301 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
UM3302 UNITPOWER-UM3302 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
UM3801 UNITPOWER-UM3801 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
UM4302 UNITPOWER-UM4302 Datasheet
1,017Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
UD4301 UNITPOWER-UD4301 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA0903 FETEK-FKBA0903 Datasheet
727Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : B
FKBA4903 FETEK-FKBA4903 Datasheet
450Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKBB0903 FETEK-FKBB0903 Datasheet
700Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKD3903 FETEK-FKD3903 Datasheet
594Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKS3903 FETEK-FKS3903 Datasheet
607Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com