Electronic Components Datasheet Search
  English  ▼

X  

ADM3232EARUZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3232EARUZ
Description  -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3232EARUZ Datasheet(HTML) 5 Page - Analog Devices

  ADM3232EARUZ Datasheet HTML 1Page - Analog Devices ADM3232EARUZ Datasheet HTML 2Page - Analog Devices ADM3232EARUZ Datasheet HTML 3Page - Analog Devices ADM3232EARUZ Datasheet HTML 4Page - Analog Devices ADM3232EARUZ Datasheet HTML 5Page - Analog Devices ADM3232EARUZ Datasheet HTML 6Page - Analog Devices ADM3232EARUZ Datasheet HTML 7Page - Analog Devices ADM3232EARUZ Datasheet HTML 8Page - Analog Devices ADM3232EARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM3232E
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
C1+
1
V+
2
C1–
3
C2+
4
VCC
16
GND
15
T1OUT
14
R1IN
13
C2–
5
R1OUT
12
V–
6
T1IN
11
T2OUT 7
T2IN
10
R2IN 8
R2OUT
9
ADM3232E
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
C1+, C1–
External Capacitor 1 is connected between these pins. A 0.1 μF capacitor is recommended, but larger capacitors
of up to 47 μF can be used.
2
V+
Internally Generated Positive Supply (6 V Nominal).
4, 5
C2+, C2–
External Capacitor 2 is connected between these pins. A 0.1 μF capacitor is recommended, but larger capacitors
of up to 47 μF can be used.
6
V–
Internally Generated Negative Supply (−6 V Nominal).
7, 14
T_OUT
Transmitter (Driver) Outputs. These are RS-232 signal levels (typically ±6 V).
8, 13
R_IN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 kΩ pull-down resistor to GND is connected
on each input.
9, 12
R_OUT
Receiver Outputs. These are TTL/CMOS output logic levels.
10, 11
T_IN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels.
15
GND
Ground Pin. Must be connected to 0 V.
16
VCC
Power Supply Input (3.3 V ± 0.3 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com