Electronic Components Datasheet Search
  English  ▼

X  

PS2913-1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS2913-1
Description  SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2913-1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS2913-1 Datasheet HTML 1Page - Renesas Technology Corp PS2913-1 Datasheet HTML 2Page - Renesas Technology Corp PS2913-1 Datasheet HTML 3Page - Renesas Technology Corp PS2913-1 Datasheet HTML 4Page - Renesas Technology Corp PS2913-1 Datasheet HTML 5Page - Renesas Technology Corp PS2913-1 Datasheet HTML 6Page - Renesas Technology Corp PS2913-1 Datasheet HTML 7Page - Renesas Technology Corp PS2913-1 Datasheet HTML 8Page - Renesas Technology Corp PS2913-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PS2913-1e
R08DS0113EJ0202 Rev.2.02
Page 2 of 13
Dec 6, 2021
PACKAGE DIMENSIONS (UNIT: mm)
Weight: 0.05g (typ.)
MARKING EXAMPLE
PHOTOCOUPLER CONSTRUCTION
Parameter
MIN.
Air Distance
4 mm
Creepage Distance
4 mm
Isolation Distance
0.4 mm
5.0±0.2
1.27
0.4±0.1
2.5±0.3
4
3
1
2
R
0.2±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com