Electronic Components Datasheet Search
  English  ▼

X  

SLG47512 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SLG47512
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47512 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SLG47512 Datasheet HTML 19Page - Renesas Technology Corp SLG47512 Datasheet HTML 20Page - Renesas Technology Corp SLG47512 Datasheet HTML 21Page - Renesas Technology Corp SLG47512 Datasheet HTML 22Page - Renesas Technology Corp SLG47512 Datasheet HTML 23Page - Renesas Technology Corp SLG47512 Datasheet HTML 24Page - Renesas Technology Corp SLG47512 Datasheet HTML 25Page - Renesas Technology Corp SLG47512 Datasheet HTML 26Page - Renesas Technology Corp SLG47512 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
23 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
3.9 OSCILLATOR CHARACTERISTICS
3.9.1 OSC Power-On Delay
3.10 ACMP CHARACTERISTICS
frequency settling time
2.048 kHz
auto
963
963
963
963
µs
variable (CLK period)
25 MHz
forced
0-40.6
0-40.6
0-40.6
0-40.6
ns
variable (CLK period)
2.048 kHz
forced
0.490
0-490
0-490
0-490
µs
tpd (non-delayed edge)
25 MHz/
2.048 kHz
either
15
9
6
5
ns
Table 16: Oscillators Frequency Limits, VDD = 1.0 V to 1.65 V
Parameter
Temperature Range
+25 °C
-40 °C to +85 °C
Minimum
Value, kHz
Maximum
Value, kHz
Error, %
Minimum
Value, kHz
Maximum
Value, kHz
Error, %
2.048 kHz RC OSC0
2.0205
2.0754
+1.3
1.7655
2.1444
+4.7
-1.3
-13.8
25 MHz RC OSC1
24100
25644
+2.6
22141
26250
+5.0
-3.6
-11,4
Table 17: Oscillators Power-On Delay at T = 25 °C, VDD = 1.0 V to 1.65 V, OSC Power Setting: "Auto Power-On"
OSC0 2.048 kHz
OSC1 25 MHz
OSC1 25 MHz
Start with Delay
Typical
Value, µs
Maximum
Value, µs
Typical
Value, ns
Maximum
Value, ns
Typical
Value, ns
Maximum
Value, ns
476
--
40.45
55.33
152
--
Table 18: ACMP Specifications at T = -40 °C to +85 °C, VDD = 1.0 V to 1.65 V Unless Otherwise Noted
Parameter
Description
Note
Condition
Min
Typ
Max
Unit
VACMP
ACMP Input Voltage
Range
Positive Input
0
--
VDD
V
Negative Input
0
--
VDD
V
Voffset
ACMP Input Offset
Vhys = 0 mV,
Gain = 1,
Vref = 25 mV to 850 mV
-7.3
--
7.2
mV
ILKG
ACMP Input Leakage
--
2
228
nA
tstart
ACMP Startup Time
ACMPxH Power-On delay,
Minimal required wake
time for the "Wake and
Sleep function"
BG always On
--
--
78
µs
VHYS
ACMP0H, ACMP1H
Built-in Hysteresis
(Note 1)
VHYS = 25 mV
T = 25 °C
21.9
24.2
25.7
mV
VHYS = 150 mV
T = 25 °C
146.3
149.3
152.4
mV
VHYS = 25 mV
19.2
24.6
28.8
mV
VHYS = 150 mV
133.4
149.4
162.4
mV
Table 15: Typical Counter/Delay Offset at T = 25 °C (Continued)
Parameter
OSC Freq
OSC Power
VDD = 1.0 V
VDD = 1.2 V
VDD = 1.5 V
VDD = 1.65 V
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com