Electronic Components Datasheet Search
  English  ▼

X  

TSI384 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # TSI384
Description  PCIe® to PCI/X Bridge Product Brief
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI384 Datasheet(HTML) 1 Page - Renesas Technology Corp

  TSI384 Datasheet HTML 1Page - Renesas Technology Corp TSI384 Datasheet HTML 2Page - Renesas Technology Corp TSI384 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 2
August 13, 2009
 2008 Integrated Device Technology, Inc.
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
®
Device Overview
The IDT Tsi384 is a high-performance bus bridge that connects the
PCI Express (PCIe) protocol to the PCI and PCI-X bus standards.
The Tsi384’s PCIe Interface has superior performance and supports
1, 2, or 4 lanes. This enables the bridge to offer exceptional throughput
performance of up to 1 GBps.
The device’s PCI/X Interface can operate up to 133 MHz in PCI-X
mode, or up to 66 MHz in PCI mode. This interface offers designers
extensive flexibility by supporting three types of addressing modes:
transparent, opaque, and non-transparent.
Low Power Consumption
The Tsi384 has typical power consumption of 1.3W, and incorporates
advanced power management to minimize power consumption during
operation. In addition to supporting D0, D3 hot, and D3 cold power
management modes, the device permits unused PCIe lanes to be
powered off automatically or by configuration.
Transparent, Non-transparent, and Opaque
Bridging
Transparent mode operation is available for efficient, flow-through
configurations, while non-transparent bridging allows isolation between
the Tsi384’s PCIe and the PCI/X domains. Non-transparent bridging also
enables multi-host systems and is used in applications such as storage
adapters. Opaque mode provides semi-transparent operation for multi-
processor configurations and enhanced private device support.
High Performance
The Tsi384 incorporates many advanced PCIe protocols that
increase system performance, including: Lane Reversal and Polarity
Inversion, end-to-end CRC, ASPM L0 link state power management,
and Hot Plug. In addition to low-latency operation, the device supports a
maximum payload size of up to 512 bytes to allow better throughput effi-
ciency.
Figure 1 Tsi384 Block Diagram
Features
• General
– PCI Express to PCI/PCI-X Forward bridge
– Transparent, Non-transparent, and Opaque modes
– Low latency – Superior queuing and buffering architecture
maximize throughput and minimize latency
– Compliant with the following specifications:
• PCI Express Base 1.1
• PCI Express PCI/PCI-X Bridge 1.0
• PCI-to-PCI Bridge Architecture 1.2
• PCI Local Bus 3.0
• PCI-X 2.0 (mode 1 only)
• PCI Bus Power Management Interface 1.2
PCI/X
Arbiter
Error
Handling
Interrupt
Handling
Clocking/
Reset
EEPROM
Controller
Power
Mgmt
JTAG
PCI/X Interface
PCIe Interface (x4)
80E1000_BK001_01 (Tsi384)
Posted
Writer
Buffer
Posted
Queue
Mux Logic
Non-
Posted
Buffer
Non-
Posted
Queue
Downstream
Downstream
Upstream
Upstream
Posted
Writer
Buffer
Posted
Queue
Mux Logic
Non-
Posted
Buffer
Non-
Posted
Queue
Config
Registers
Tsi384™ PCIe® to PCI/X Bridge
Product Brief


Similar Part No. - TSI384

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TSI384 IDT-TSI384 Datasheet
77Kb / 2P
Compliant with the following specifications
logo
List of Unclassifed Man...
TSI384-133ILV ETC2-TSI384-133ILV Datasheet
77Kb / 2P
Tsi384??PCIe짰 to PCI/X Bridge Product Brief
More results

Similar Description - TSI384

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
PCI AudioDrive Notebook Solution Product Brief
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
PCI Audio-Modem Accelerator Product Brief
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
PCI AudioDrive Solution Product Brief
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
QSpan II??PowerQUICC-to-PCI Bridge Product Brief
logo
List of Unclassifed Man...
TSI384-133ILV ETC2-TSI384-133ILV Datasheet
77Kb / 2P
Tsi384??PCIe짰 to PCI/X Bridge Product Brief
logo
OmniVision Technologies...
OV580 OMNIVISION-OV580 Datasheet
440Kb / 2P
3D bridge chip product brief
logo
Renesas Technology Corp
TSI381 RENESAS-TSI381 Datasheet
289Kb / 3P
PCIe® to PCI Bridge Product Brief
August 14, 2009
TSI382 RENESAS-TSI382 Datasheet
395Kb / 3P
PCIe® to PCI Bridge Product Brief
August 14, 2009
logo
ESS Technology,Inc
ES1990 ESS-ES1990 Datasheet
124Kb / 4P
Canyon3Dä2LE PCI Audio Accelerator Product Brief
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com