Electronic Components Datasheet Search
  English  ▼

X  

ADM3485 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM3485
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM3485 Datasheet HTML 10Page - Analog Devices ADM3485 Datasheet HTML 11Page - Analog Devices ADM3485 Datasheet HTML 12Page - Analog Devices ADM3485 Datasheet HTML 13Page - Analog Devices ADM3485 Datasheet HTML 14Page - Analog Devices ADM3485 Datasheet HTML 15Page - Analog Devices ADM3485 Datasheet HTML 16Page - Analog Devices ADM3485 Datasheet HTML 17Page - Analog Devices ADM3485 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 14 of 20
CIRCUIT DESCRIPTION
The ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
are low power transceivers for RS-485 and RS-422 communi-
cations. The ADM3483/ADM3488 transmit and receive at data
rates up to 250 kbps; the ADM3485/ADM3490/ADM3491 trans-
mit at up to 10 Mbps. The ADM3488/ADM3490/ADM3491 are
full-duplex transceivers, while the ADM3483/ADM3485 are half-
duplex transceivers. Driver enable (DE) and receiver enable (RE)
pins are included on the ADM3483/ADM3485/ADM3491. When
disabled, the driver and receiver outputs are high impedance.
DEVICES WITH RECEIVER/DRIVER ENABLES—
ADM3483/ADM3485/ADM3491
Table 8. Transmitting Truth Table
Transmitting Input
Transmitting Output
RE
DE
DI
B1
A1
Mode
X2
1
1
0
1
Normal
X2
1
0
1
0
Normal
0
0
X2
High-Z3
High-Z3
Normal
1
0
X2
High-Z3
High-Z3
Shutdown
1 A and B outputs are Z and Y respectively, for full-duplex part (ADM3491).
2 X = don’t care.
3 High-Z = high impedance.
Table 9. Receiving Truth Table
Receiving Input
Receiving Output
RE
DE1
A – B
RO
Mode
0
0
≥ +0.2 V
1
Normal
0
0
≤ −0.2 V
0
Normal
0
0
Inputs Open
1
Normal
1
0
X2
High-Z3
Shutdown
1 DE is a don’t care; X for the full-duplex part (ADM3491).
2 X = don’t care.
3 High-Z = high impedance.
DEVICES WITHOUT RECEIVER/DRIVER ENABLES—
ADM3488/ADM3490
Table 10. Transmitting Truth Table
Transmitting Input
Transmitting Output
DI
Z
Y
1
0
1
0
1
0
Table 11. Receiving Truth Table
Receiving Input
Receiving Output
A – B
RO
≥ +0.2 V
1
≤ −0.2 V
0
Inputs open
1
REDUCED EMI AND REFLECTIONS—
ADM3483/ADM3488
The ADM3483/ADM3488 are slew rate limited transceivers,
minimizing EMI and reducing reflections caused by improp-
erly terminated cables.
LOW POWER SHUTDOWN MODE
(ADM3483/ADM3485/ADM3491)
A low power shutdown mode is initiated by bringing RE high
and DE low. The devices do not shut down unless both the driver
and receiver are disabled (high impedance). In shutdown mode,
the devices typically draw only 2 nA of supply current. For these
devices, the tPSH and tPSL enable times assume the part is in the
low power shutdown mode; the tPZH and tPZL enable times assume
the receiver or driver was disabled, but the part is not shut down.
DRIVER OUTPUT PROTECTION
Two methods are implemented to prevent excessive output
current and power dissipation caused by faults or by bus
contention. Current limit protection on the output stage
provides immediate protection against short circuits over
the whole common-mode voltage range (see the Typical
Performance Characteristics section). In addition, a ther-
mal shutdown circuit forces the driver outputs into a high
impedance state if the die temperature rises excessively.
PROPAGATION DELAY
Skew time is the difference between the low-to-high and high-
to-low propagation delays. Small driver/receiver skew times help
maintain a symmetrical mark-space ratio (50% duty cycle).
The receiver skew time (|tPRLH − tPRHL|) is under 10 ns (20 ns
for ADM3483/ADM3488). The driver skew times are 8 ns for
ADM3485/ADM3490/ADM3491 and typically under 100 ns for
ADM3483/ADM3488.
TYPICAL APPLICATIONS
The ADM3483/ADM3485/ADM3491 transceivers are designed
for half-duplex bidirectional data communications on multipoint
bus transmission lines, Figure 32 and Figure 33 show typical
network applications circuits. The ADM3488 and the ADM3490
full-duplex transceivers are designed to be used in a daisy-chain
network topology or in a point-to-point application, see Figure 34
and Figure 35. The ADM3491 can be used as line repeat Figure 36.
To minimize reflections, the line must be terminated at both
ends in its characteristic impedance, and stub lengths off the main
line must be kept as short as possible. The slew rate limited
ADM3483/ADM3488 are more tolerant of imperfect termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com