Electronic Components Datasheet Search
  English  ▼

X  

ADM3490 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM3490
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3490 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM3490 Datasheet HTML 12Page - Analog Devices ADM3490 Datasheet HTML 13Page - Analog Devices ADM3490 Datasheet HTML 14Page - Analog Devices ADM3490 Datasheet HTML 15Page - Analog Devices ADM3490 Datasheet HTML 16Page - Analog Devices ADM3490 Datasheet HTML 17Page - Analog Devices ADM3490 Datasheet HTML 18Page - Analog Devices ADM3490 Datasheet HTML 19Page - Analog Devices ADM3490 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 18 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Ordering Quantity
ADM3483ARZ1
−40°C to +85°C
8-Lead Narrow Body Small Outline (SOIC_N)
R-8
ADM3483ARZ–REEL71
−40°C to +85°C
8-Lead Narrow Body Small Outline (SOIC_N)
R-8
1,000
ADM3485ARZ1
−40°C to +85°C
8-Lead Narrow Body Small Outline (SOIC_N)
R-8
ADM3485ARZ–REEL71
−40°C to +85°C
8-Lead Narrow Body Small Outline (SOIC_N)
R-8
1,000
ADM3488ARZ1
−40°C to +85°C
8-Lead Narrow Body Small Outline (SOIC_N)
R-8
ADM3488ARZ–REEL71
−40°C to +85°C
8-Lead Narrow Body Small Outline (SOIC_N)
R-8
1,000
ADM3490ARZ1
−40°C to +85°C
8-Lead Narrow Body Small Outline (SOIC_N)
R-8
ADM3490ARZ–REEL71
−40°C to +85°C
8-Lead Narrow Body Small Outline (SOIC_N)
R-8
1,000
ADM3491AR
−40°C to +85°C
14-Lead Narrow Body Small Outline (SOIC_N)
R-14
ADM3491AR-REEL
−40°C to +85°C
14-Lead Narrow Body Small Outline (SOIC_N)
R-14
2,500
ADM3491AR-REEL7
−40°C to +85°C
14-Lead Narrow Body Small Outline (SOIC_N)
R-14
1,000
ADM3491ARZ1
−40°C to +85°C
14-Lead Narrow Body Small Outline (SOIC_N)
R-14
ADM3491ARZ-REEL1
−40°C to +85°C
14-Lead Narrow Body Small Outline (SOIC_N)
R-14
2,500
ADM3491ARZ-REEL71
−40°C to +85°C
14-Lead Narrow Body Small Outline (SOIC_N)
R-14
1,000
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com