Electronic Components Datasheet Search
  English  ▼

X  

MVM202P06 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # MVM202P06
Description  2,000V Surface Mount Multiplier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

MVM202P06 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  MVM202P06 Datasheet HTML 1Page - Voltage Multipliers Inc. MVM202P06 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
53
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
TEL.
559-651-1402
FAX
559-651-0740
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
r
e
b
m
u
N
t
r
a
Pm
u
m
i
x
a
M
t
u
p
n
I
.
C
.
A
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
u
p
t
u
O
.
C
.
D
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
u
p
t
u
O
.
C
.
D
e
g
a
t
l
o
V
)
s
e
i
r
e
S
n
i
s
r
e
il
p
i
t
l
u
M
o
w
T
(
l
a
c
i
p
y
T
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
n
a
R
)
1
(
l
a
c
i
p
y
T
y
c
n
e
u
q
e
r
F
f
o
r
e
b
m
u
N
s
e
g
a
t
S
V
P
P
V
C
D
V
C
D
A
µz
H
k
6
0
P
2
0
2
M
V
M0
0
80
0
0
20
0
0
40
.
0
5
-
0
.
00
0
1
-
0
16
2,000V Surface Mount Multiplier
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
0.0µA - 50.0µA • 6 Stages
.050(1.27)
PAD LAYOUT
.135(3.43)
.090
(2.29)
.360
(9.14)
.255
(6.48)
.030
(0.76)
.050(1.27)
.090
(2.29)
.280
(7.11)
.010
(0.25)
.030(0.76)
(6 PL)
.140(3.56)
.380(9.65)
.020
(0.51)
.050
(1.27)
.063(1.60)
.033(0.84)
.090(2.29)
AC
GND
V1
V2
.090(2.29)
.135(3.43)
.255
(6.48)
AC
GND
AC
V1
GND
V2
Operating Temp: -55°C to +150°C
Storage Temp: -65°C to +150°C
Plating:
50µin silver over 50µin nickel.
(1) Refer to load lines on next page.


Similar Part No. - MVM202P06

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MVM2 SEI-MVM2 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
MVM2JB51K0 SEI-MVM2JB51K0 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
MVM2JB56L0 SEI-MVM2JB56L0 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
MVM2JB680R SEI-MVM2JB680R Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
MVM2JBR100 SEI-MVM2JBR100 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
More results

Similar Description - MVM202P06

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
logo
Voltage Multipliers Inc...
HM202P08 VMI-HM202P08 Datasheet
81Kb / 1P
2,000V - 4,000V Miniature Hybrid Multiplier
MVM302P08 VMI-MVM302P08 Datasheet
135Kb / 2P
3,000V Surface Mount Multiplier
MVM302P10 VMI-MVM302P10 Datasheet
154Kb / 2P
3,000V Surface Mount Multiplier
PVM302P12 VMI-PVM302P12 Datasheet
180Kb / 2P
3,000V Surface Mount Multiplier
VM1447 VMI-VM1447 Datasheet
125Kb / 1P
3,000V Surface Mount Multiplier
VM1448 VMI-VM1448 Datasheet
140Kb / 1P
2,000V - 3,000V Surface Mount Multiplier
VM1566 VMI-VM1566 Datasheet
123Kb / 1P
7,000V Surface Mount Multiplier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com