Electronic Components Datasheet Search
  English  ▼

X  

MDC3105 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MDC3105
Description  Integrated Relay, Inductive Load Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC3105 Datasheet(HTML) 2 Page - ON Semiconductor

  MDC3105 Datasheet HTML 1Page - ON Semiconductor MDC3105 Datasheet HTML 2Page - ON Semiconductor MDC3105 Datasheet HTML 3Page - ON Semiconductor MDC3105 Datasheet HTML 4Page - ON Semiconductor MDC3105 Datasheet HTML 5Page - ON Semiconductor MDC3105 Datasheet HTML 6Page - ON Semiconductor MDC3105 Datasheet HTML 7Page - ON Semiconductor MDC3105 Datasheet HTML 8Page - ON Semiconductor MDC3105 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MDC3105
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
6.0
Vdc
Input Voltage
Vin(fwd)
6.0
Vdc
Reverse Input Voltage
Vin(rev)
−0.5
Vdc
Repetitive Pulse Zener Energy Limit (Duty Cycle
≤ 0.01%)
SOT−23
Ezpk
50
mJ
Output Sink Current − Continuous
IO
500
mA
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Total Device Power Dissipation (Note 1)
SOT−23
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Total Device Power Dissipation (Note 1)
SC−74
Derate above 25
°C
PD
380
1.5
mW
mW/
°C
Thermal Resistance Junction−to−Ambient
SOT−23
SC−74
RqJA
556
329
°C/W
1. FR−5 PCB of 1
″ x 0.75″ x 0.062″, TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Output Zener Breakdown Voltage
(@ IT = 10 mA Pulse)
V(BRout)
V(−BRout)
6.2
−
6.6
−0.7
7.0
−
V
V
Output Leakage Current @ 0 Input Voltage
(VO = 5.5 Vdc, Vin = O.C., TA = 25°C)
(VO = 5.5 Vdc, Vin = O.C., TA = 85°C)
IOO
−
−
−
−
0.1
30
mA
Guaranteed “OFF” State Input Voltage (IO ≤ 100 mA)
Vin(off)
−
−
0.4
V
ON CHARACTERISTICS
Input Bias Current (HFE Limited)
(IO = 250 mA, VO = 0.25 Vdc)
Iin
−
0.8
1.6
mAdc
Output Saturation Voltage
(IO = 250 mA, Iin = 1.5 mA)
VO(sat)
−
0.12
0.16
Vdc
Output Sink Current − Continuous
(VCE = 0.25 Vdc, Iin = 1.5 mA)
IO(on)
250
400
−
mA
ORDERING INFORMATION
Device
Package
Shipping†
MDC3105LT1
SOT−23
3000 / Tape & Reel
MDC3105LT1G
SOT−23
(Pb−Free)
MDC3105DMT1
SC−74
MDC3105DMT1G
SC−74
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com