Electronic Components Datasheet Search
  English  ▼

X  

MDC3105LT1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MDC3105LT1G
Description  Integrated Relay, Inductive Load Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC3105LT1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MDC3105LT1G Datasheet HTML 4Page - ON Semiconductor MDC3105LT1G Datasheet HTML 5Page - ON Semiconductor MDC3105LT1G Datasheet HTML 6Page - ON Semiconductor MDC3105LT1G Datasheet HTML 7Page - ON Semiconductor MDC3105LT1G Datasheet HTML 8Page - ON Semiconductor MDC3105LT1G Datasheet HTML 9Page - ON Semiconductor MDC3105LT1G Datasheet HTML 10Page - ON Semiconductor MDC3105LT1G Datasheet HTML 11Page - ON Semiconductor MDC3105LT1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MDC3105
http://onsemi.com
8
Designing with this Data Sheet
1.
Determine the maximum inductive load current (at
max VCC, min coil resistance and usually minimum
temperature) that the MDC3105 will have to drive
and make sure it is less than the max rated current.
2.
For pulsed operation, use the Transient Thermal
Response of Figure 12 and the instructions with it
to determine the maximum limit on transistor power
dissipation for the desired duty cycle and
temperature range.
3.
Use Figures 10 and 11 with the SOA notes above to
insure that instantaneous operation does not push
the device beyond the limits of the SOA plot.
4.
While keeping any VO(sat) requirements in mind,
determine the max input current needed to achieve
that output current from Figures 2 and 6.
5.
For levels of input current below 100
mA, use the
input threshold curves of Figure 4 to verify that
there will be adequate input current available to turn
on the MDC3105 at all temperatures.
6.
For levels of input current above 100
mA, enter
Figure 3 using that max input current and determine
the input voltage required to drive the MDC3105
from the solid Vin versus Iin line. Select a suitable
drive source family from those whose dotted lines
cross the solid input characteristic line to the right
of the Iin, Vin point.
7.
Using the max output current calculated in step 1,
check Figure 7 to insure that the range of Zener
clamp voltage over temperature will satisfy all
system and EMI requirements.
8.
Using Figures 8 and 9, insure that “OFF” state
leakage over temperature and voltage extremes does
not violate any system requirements.
9.
Review circuit operation and insure none of the
device max ratings are being exceeded.
Figure 13. A 200 mW, 5.0 V Dual Coil Latching Relay Application
with 3.0 V−HCMOS Level Translating Interface
+4.5 ≤ VCC ≤ +5.5 Vdc
+
Vout (6)
74HC04 OR
EQUIVALENT
+
AROMAT
TX2−L2−5 V
Vin (5)
GND (1)
Vout (3)
Vin (2)
GND (4)
74HC04 OR
EQUIVALENT
MDC3105DMT1
+3.0 ≤ VDD ≤ +3.75 Vdc
APPLICATIONS DIAGRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com