Electronic Components Datasheet Search
  English  ▼

X  

ADM3490ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3490ARZ
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3490ARZ Datasheet(HTML) 5 Page - Analog Devices

  ADM3490ARZ Datasheet HTML 1Page - Analog Devices ADM3490ARZ Datasheet HTML 2Page - Analog Devices ADM3490ARZ Datasheet HTML 3Page - Analog Devices ADM3490ARZ Datasheet HTML 4Page - Analog Devices ADM3490ARZ Datasheet HTML 5Page - Analog Devices ADM3490ARZ Datasheet HTML 6Page - Analog Devices ADM3490ARZ Datasheet HTML 7Page - Analog Devices ADM3490ARZ Datasheet HTML 8Page - Analog Devices ADM3490ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 5 of 20
TIMING SPECIFICATIONS—ADM3485/ADM3490/ADM3491
VCC = 3.3 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Delay (tDD)
1
22
35
ns
RL = 60 Ω
(see Figure 10 and Figure 16)
Differential Output Transition Time (tTD)
3
8
25
ns
RL = 60 Ω
(see Figure 10 and Figure 16)
Propagation Delay, Low-to-High Level (tPLH)
7
22
35
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
Propagation Delay, High-to-Low Level (tPHL)
7
22
35
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
|tPLH – tPHL| Propagation Delay Skew1 (tPDS)
8
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
DRIVER OUTPUT ENABLE/DISABLE TIMES (ADM3485/
ADM3491 ONLY)
Output Enable Time to Low Level (tPZL)
45
90
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time to High Level (tPZH)
45
90
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
Output Disable Time from High Level (tPHZ)
40
80
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
Output Disable Time from Low Level (tPLZ)
40
80
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time from Shutdown to Low Level (tPSL)
650
900
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time from Shutdown to High Level (tPSH)
650
900
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
1 Measured on |tPLH (Y) − tPHL (Y)| and |tPLH (Z) − tPHL (Z)|.
TIMING SPECIFICATIONS—ADM3483/ADM3488
VCC = 3.3 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Delay (tDD)
600
900
1400
ns
RL = 60 Ω
(see Figure 10 and Figure 16)
Differential Output Transition Time (tTD)
400
700
1200
ns
RL = 60 Ω
(see Figure 10 and Figure 16)
Propagation Delay, Low-to-High Level (tPLH)
700
1000
1500
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
Propagation Delay, High-to-Low Level (tPHL)
700
1000
1500
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
|tPLH – tPHL| Propagation Delay Skew1 (tPDS)
100
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
DRIVER OUTPUT ENABLE/DISABLE TIMES (ADM3483 ONLY)
Output Enable Time to Low Level (tPZL)
900
1300
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time to High Level (tPZH)
600
800
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
Output Disable Time from High Level (tPHZ)
50
80
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
Output Disable Time from Low Level (tPLZ)
50
80
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time from Shutdown to Low Level (tPSL)
1.9
2.7
μs
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time from Shutdown to High Level (tPSH)
2.2
3.0
μs
RL = 110 Ω
(see Figure 12 and Figure 18)
1 Measured on |tPLH (Y) − tPHL (Y)| and |tPLH (Z) − tPHL (Z)|.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com