Electronic Components Datasheet Search
  English  ▼

X  

LDW101SM Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LDW101SM
Description  Reed Switch specifications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW101SM Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LDW101SM Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW101SM Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDW101SM
- 1 -
Letex Technology Corp.
Reed Switch specifications
Model No: LDW-101SM
Features
•The LDW-101SMis a small single-contact reed switch designed for surface mount technology system use.
Applications
•Automotive electronic devices
•Rotation and speed monitoring
•Door and window contacts for security system
•Communication equipment
•Measurement equipment
•Telephone hook switch
•Security
Dimensions
Unit : mm
Electrical Characteristics
Contact form
SPST Form A Center gap
Contact Rating
(max.)
10 W
Switching Current
(max.)
0.5 Amp.
Carry Current
(max.)
1.0 Amp.
Switching voltage
(max.)
200 VDC
Breakdown voltage
(min.)
250 VDC
Contact, Initial Resistance
(max.)
0.12
Ω
Insulation resistance
(min.)
10
12
Ω
Contact capacitance
(max.)
0.2 pF
Operate time including bounce
(typ.)
0.5ms
Release time
(typ.)
0.1 ms
Pull in Range
10
– 25 AT
Drop out
35
– 90%
Note: 1 The specification for VA rating may be exceeded for less sensitive (High AT) switches, and should be decreased
for very sensitive (Low AT) switches. Specific life testing for a particular load will be run upon request.
0.35mm
2.3mm
16.4mm
1.7mm
11mm
1.0mm


Similar Part No. - LDW101SM

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LDW1010 LETEX-LDW1010 Datasheet
69Kb / 3P
Reed Switch specifications
More results

Similar Description - LDW101SM

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LDW1002 LETEX-LDW1002 Datasheet
64Kb / 3P
Reed Switch specifications
LDW1003 LETEX-LDW1003 Datasheet
64Kb / 3P
Reed Switch specifications
LDW1410B LETEX-LDW1410B Datasheet
70Kb / 4P
Reed Switch specifications
LDW1501 LETEX-LDW1501 Datasheet
63Kb / 3P
Reed Switch specifications
LDW1555-1 LETEX-LDW1555-1 Datasheet
367Kb / 4P
Reed Switch specifications
LDW2001 LETEX-LDW2001 Datasheet
65Kb / 3P
Reed Switch specifications
LDW2050 LETEX-LDW2050 Datasheet
64Kb / 3P
Reed Switch specifications
LDW4002 LETEX-LDW4002 Datasheet
98Kb / 3P
Reed Switch specifications
LDW5051 LETEX-LDW5051 Datasheet
65Kb / 3P
Reed Switch specifications
LDW9002 LETEX-LDW9002 Datasheet
68Kb / 3P
Reed Switch specifications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com