Electronic Components Datasheet Search
  English  ▼

X  

LDW4003 Datasheet(PDF) 3 Page - LETEX TECHNOLOGY CORP.

Part # LDW4003
Description  Reed Switch specifications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW4003 Datasheet(HTML) 3 Page - LETEX TECHNOLOGY CORP.

  LDW4003 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW4003 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LDW4003 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LDW4002
- 3 -
Letex Technology Corp.
W

K
d
℃
℃
^
d
℃
℃
s,'^Dy'
^
^'^Dy'
Z&dzW<,
^
&
D y
,
Breakdown Voltage Vs. PULL IN (AT)
Length after cropping
20
0
500
1000
0
1200
0
0
20
4
8
6
10
14
12
16
40
60
80
PULL IN (AT)
Length after cropping
40
30
45mm
0
0
20
4
30
8
6
10
14
12
16
40
45mm
Change in PULL IN Vs. Lead Length
(Increase in PULL IN)
DROP OUT Vs. PULL IN
Pull in (AT)
10
0
10
20
30 40
50
60
70
80 90
100
20
40
30
50
Change in DROP OUT Vs. Lead Length
(Increase in DROP OUT)
D
>

>
s
s
>

>


&
60
70
80
90
Max
Min



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com